Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 269 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 269 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 265Page - STMicroelectronics PQFP100 Datasheet HTML 266Page - STMicroelectronics PQFP100 Datasheet HTML 267Page - STMicroelectronics PQFP100 Datasheet HTML 268Page - STMicroelectronics PQFP100 Datasheet HTML 269Page - STMicroelectronics PQFP100 Datasheet HTML 270Page - STMicroelectronics PQFP100 Datasheet HTML 271Page - STMicroelectronics PQFP100 Datasheet HTML 272Page - STMicroelectronics PQFP100 Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 429 page
background image
269/429
I2C BUS INTERFACE
EV5: EVF=1, SB=1, cleared by reading SR1 register followed by writing DR register.
EV6: EVF=1, ADDTX=1, cleared by reading SR1 register followed by writing CR register
(for example PE=1).
EV7: EVF=1, BTF=1, cleared by reading SR1 register followed by reading DR register or when DMA
is complete.
EV8: EVF=1, BTF=1, cleared by reading SR1 register followed by writing DR register or when DMA
is complete.
EV9: EVF=1, ADD10=1, cleared by reading SR1 register followed by writing DR register.
Figure 129. Event Flags and Interrupt Generation
ADSL
SB
AF
STOPF
ARLO
BERR
ADD10
ADDTX
ITE
IERRM
IERRP
ERROR
INTERRUPT
REQUEST
BTF=1 & TRA=0
Receiving DMA
ITE
IRXM
IRXP
DATA RECEIVED
INTERRUPT
REQUEST
End Of Block
or
END OF BLOCK
BTF=1 & TRA=1
ITE
READY TO TRANSMIT
INTERRUPT
REQUEST
or
END OF BLOCK
I2CSR1.EVF
REOBP
ITXM
ITXP
TEOBP
Transmitting DMA
End Of Block
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com