Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 320 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 320 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 316Page - STMicroelectronics PQFP100 Datasheet HTML 317Page - STMicroelectronics PQFP100 Datasheet HTML 318Page - STMicroelectronics PQFP100 Datasheet HTML 319Page - STMicroelectronics PQFP100 Datasheet HTML 320Page - STMicroelectronics PQFP100 Datasheet HTML 321Page - STMicroelectronics PQFP100 Datasheet HTML 322Page - STMicroelectronics PQFP100 Datasheet HTML 323Page - STMicroelectronics PQFP100 Datasheet HTML 324Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 429 page
background image
320/429
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
JBLPD CURRENT REGISTER 0 (CREG0)
R252- Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers: RDAPR, FREG0, FREG4,
FREG8, FREG12, FREG16, FREG20, FREG24,
FREG28.
JBLPD CURRENT REGISTER 1 (CREG1)
R253 - Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers: RDCPR, FREG1, FREG5,
FREG9, FREG13, FREG17, FREG21, FREG25,
FREG29.
JBLPD CURRENT REGISTER 2 (CREG2)
R254- Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers: TDAPR, FREG2, FREG6,
FREG10, FREG14, FREG18, FREG22, FREG26,
FREG30.
JBLPD CURRENT REGISTER 3 (CREG3)
R255- Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers: TDCPR, FREG3, FREG7,
FREG11, FREG15, FREG19, FREG23, FREG27,
FREG31.
Table 62. Stacked registers map
70
b7
b6
b5
b4
b3
b2
b1
b0
70
b7
b6
b5
b4
b3
b2
b1
b0
70
b7
b6
b5
b4
b3
b2
b1
b0
70
b7
b6
b5
b4
b3
b2
b1
b0
RSEL[3:0]
Current
Registers
0000b
1000b
1001b
1010b
1011b
1100b
1101b
1110b
1111b
CREG0
RDAPR
FREG0
FREG4
FREG8
FREG12
FREG16
FREG20
FREG24
FREG28
CREG1
RDCPR
FREG1
FREG5
FREG9
FREG13
FREG17
FREG21
FREG25
FREG29
CREG2
TDAPR
FREG2
FREG6
FREG10
FREG14
FREG18
FREG22
FREG26
FREG30
CREG3
TDCPR
FREG3
FREG7
FREG11
FREG15
FREG19
FREG23
FREG27
FREG31
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com