Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 371 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 371 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 367Page - STMicroelectronics PQFP100 Datasheet HTML 368Page - STMicroelectronics PQFP100 Datasheet HTML 369Page - STMicroelectronics PQFP100 Datasheet HTML 370Page - STMicroelectronics PQFP100 Datasheet HTML 371Page - STMicroelectronics PQFP100 Datasheet HTML 372Page - STMicroelectronics PQFP100 Datasheet HTML 373Page - STMicroelectronics PQFP100 Datasheet HTML 374Page - STMicroelectronics PQFP100 Datasheet HTML 375Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 429 page
background image
371/429
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
CHANNEL B LOWER THRESHOLD LOW
REGISTER (LTBLR)
R247 - Read/Write
Register Page: 63
Reset Value: xx00 0000
Bits 7:6 = LTB.[1:0]: Channel B [1:0] bit Lower
Threshold
Bits 5:0 = Reserved, forced by hardware to 0.
UPPER
THRESHOLD
REGISTERS
(UTiHR/
UTiLR)
The two pairs of Upper Threshold High/Low Reg-
isters are used to store the user programmable up-
per threshold 10-bit values, to be compared with
the current conversion results, thus setting the up-
per window limit.
CHANNEL A UPPER THRESHOLD HIGH REG-
ISTER (UTAR)
R248 - Read/Write
Register Page: 63
Reset Value: undefined
Bits 7:0 = UTA.[9:2]: Channel 6 [9:2] bit Upper
Threshold value
CHANNEL A UPPER THRESHOLD LOW
REGISTER (UTALR)
R249 - Read/Write
Register Page: 63
Reset Value: xx00 0000
Bits 7:6 = UTA.[1:0]: Channel A [1:0] bit Upper
Threshold
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL B UPPER THRESHOLD HIGH REG-
ISTER (UTBHR)
R250 - Read/Write
Register Page: 63
Reset Value: undefined
Bits 7:0 = UTB.[9:2]: Channel B [9:2] bit Upper
Threshold
CHANNEL B UPPER THRESHOLD LOW
REGISTER (UTBLR)
R251 - Read/Write
Register Page: 63
Reset Value: xx00 0000
Bits 7:6 = UTB.[1:0]: Channel B [1:0] bit Lower
Threshold
Bits 5:0 = Reserved, forced by hardware to 0.
70
LTB.1 LTB.0
0
000
00
70
UTA.9 UTA.8 UTA.7 UTA.6 UTA.5 UTA.4 UTA.3 UTA.2
70
UTA.1 UTA.0
000
000
70
UTB.9 UTB.8 UTB.7 UTB.6 UTB.5 UTB.4 UTB.3 UTB.2
70
UTB.1 UTB.0
000
000
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com