Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 381 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 381 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 377Page - STMicroelectronics PQFP100 Datasheet HTML 378Page - STMicroelectronics PQFP100 Datasheet HTML 379Page - STMicroelectronics PQFP100 Datasheet HTML 380Page - STMicroelectronics PQFP100 Datasheet HTML 381Page - STMicroelectronics PQFP100 Datasheet HTML 382Page - STMicroelectronics PQFP100 Datasheet HTML 383Page - STMicroelectronics PQFP100 Datasheet HTML 384Page - STMicroelectronics PQFP100 Datasheet HTML 385Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 429 page
background image
381/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
FLASH / E3 TM SPECIFICATIONS
(VDD = 5V ± 10%, TA = –40°C to +125°C, unless otherwise specified
Note:
(1) The maximum value depends on the number of E3 cycles/sector as shown in Figure 160. This maximum value corresponds to the worst
case E3 TM page update, 1 of 4 consecutive write operations at the same E3 TM address (refer to AN1152). In any case, the page update
operation starts with the write operation of the data (160
µs max). Then, one of the 4 erase operations of the unused sector may be per-
formed, leading to the worst case.
(2) Relational calculation between E3 TM page updates and single byte cycling is provided in a dedicated STMicroelectronics Application
Note (ref. AN1152).
Figure 160. Evolution of Worst Case E3 Page Update Time
Parameter
Min
Typ
Max
Unit
MAIN FLASH
Byte Program
10
250
µs
128 kbytes Flash Program
1.3
4
s
64 kbytes Flash Sector Erase
1.5
30
s
128 kbytes Flash Chip Erase
3
30
s
Erase Suspend Latency
15
µs
Recovery from Power-Down
10
µs
E3 TM
16 bytes Page Update
(1k E3 TM) -40°C +105°C
30
200 (1)
ms
RELIABILITY
Flash Endurance 25°C
10000
cycles
Flash Endurance
3000
E3 TM Endurance
800000 (2)
page updates
Data Retention
15
years
Page Update Max
TA=25°C
TA=125°C
400
80
800
k page updates
100
200
300
TA=105°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com