Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 404 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 404 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 400Page - STMicroelectronics PQFP100 Datasheet HTML 401Page - STMicroelectronics PQFP100 Datasheet HTML 402Page - STMicroelectronics PQFP100 Datasheet HTML 403Page - STMicroelectronics PQFP100 Datasheet HTML 404Page - STMicroelectronics PQFP100 Datasheet HTML 405Page - STMicroelectronics PQFP100 Datasheet HTML 406Page - STMicroelectronics PQFP100 Datasheet HTML 407Page - STMicroelectronics PQFP100 Datasheet HTML 408Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 429 page
background image
404/429
ST92F124/F150/F250 - GENERAL INFORMATION
ORDERING INFORMATION (Cont’d)
Table 71. Supported part numbers
Part Number
Program
Memory
(Bytes)
RAM
(Bytes)
Package
Temperature
ST92F124R9TB
64K FLASH
2K
LQFP64
-40°C to 105°C
ST92F150CR9TB
LQFP64
-40°C to 105°C
ST92F150CV9TB
LQFP100
-40°C to 105°C
ST92F124R1C6
128K FLASH
4K
LQFP64
-40°C to 85°C
ST92F124V1QB
PQFP100
-40°C to 105°C
ST92F124V1Q6
PQFP100
-40°C to 85°C
ST92F124V1TB
LQFP100
-40°C to 105°C
ST92F124V1T6
LQFP100
-40°C to 85°C
ST92F150CR1TB
LQFP64
-40°C to 105°C
ST92F150CV1QB
PQFP100
-40°C to 105°C
ST92F150CV1TB
LQFP100
-40°C to 105°C
ST92F150JDV1QC
6K
PQFP100
-40°C to 125°C
ST92F150JDV1TC
LQFP100
ST92F250CV2TC
256K FLASH
8K
LQFP100
ST92F250CV2T6
LQFP100
-40°C to 85°C
ST92F250CV2QB
PQFP100
-40°C to 105°C
ST92F250CV2TB
LQFP100
-40°C to 105°C
Contact ST sales office for product availability
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com