Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 411 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 411 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 407Page - STMicroelectronics PQFP100 Datasheet HTML 408Page - STMicroelectronics PQFP100 Datasheet HTML 409Page - STMicroelectronics PQFP100 Datasheet HTML 410Page - STMicroelectronics PQFP100 Datasheet HTML 411Page - STMicroelectronics PQFP100 Datasheet HTML 412Page - STMicroelectronics PQFP100 Datasheet HTML 413Page - STMicroelectronics PQFP100 Datasheet HTML 414Page - STMicroelectronics PQFP100 Datasheet HTML 415Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 429 page
background image
411/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
13.3 I2C LIMITATIONS
13.3.1 Start condition ignored in multimaster mode
Description
In multimaster configurations, if the ST9 I2C re-
ceives a START condition from another I2C
master after the START bit is set in the I2CCR reg-
ister and before the START condition is generated
by the ST9 I2C, it may ignore the START condition
from the other I2C master. In this case, the ST9
master will receive a NACK from the other device.
Workaround
On reception of the NACK, ST9 can send a re-start
and Slave address to re-initiate communication.
13.3.2 Missing BUS error in master transmitter
mode
Description
BERR will not be set if an error is detected during
the first or second pulse of each 9-bit transaction.
Single Master Mode:
If a Start or Stop is issued during the first or
second pulse of a 9-bit transaction, the BERR flag
will not be set and transfer will continue however
the BUSY flag will be reset.
Multimaster Mode:
Normally the BERR bit would be set whenever un-
authorized transmission takes place while transfer
is already in progress. However, an issue will arise
if an external master generates an unauthorized
Start or Stop while the I2C master is on the first or
second pulse of a 9-bit transaction.
Workaround
Single Master Mode:
Slave devices should issue a NACK when they re-
ceive a misplaced Start or Stop. The reception of a
NACK or BUSY by the master in the middle of
communication gives the possibility to reinitiate
transmission.
Multimaster Mode:
It is possible to work around the problem by polling
the BUSY bit during I2C master mode transmis-
sion. The resetting of the BUSY bit can then be
handled in a similar manner as the BERR flag
being set.
Limitations
Description
Mode
Section 13.3.1
Start condition ignored
Mustimaster mode
Section 13.3.2
Missing bus error
Master transmitter mode
Section 13.3.3
AF bit (acknowledge failure flag)
Transmitter mode (Master and Slave)
Section 13.3.4
BUSY bit
Mustimaster mode
Section 13.3.5
ARLO (arbitration lost)
Multimaster mode
Section 13.3.6
BUSY flag
All
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com