Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 418 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 418 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 414Page - STMicroelectronics PQFP100 Datasheet HTML 415Page - STMicroelectronics PQFP100 Datasheet HTML 416Page - STMicroelectronics PQFP100 Datasheet HTML 417Page - STMicroelectronics PQFP100 Datasheet HTML 418Page - STMicroelectronics PQFP100 Datasheet HTML 419Page - STMicroelectronics PQFP100 Datasheet HTML 420Page - STMicroelectronics PQFP100 Datasheet HTML 421Page - STMicroelectronics PQFP100 Datasheet HTML 422Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 429 page
background image
418/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
Workaround 2
Workaround 2 (see Figure 7) first tests that
FMP=2 and the CAN cell is receiving, if not the
FIFO can be released immediately. If yes, the pro-
gram goes through a sequence of test instructions
on the RX pin that last longer than the time be-
tween the acknowledge dominant bit and the crit-
ical time slot. If the Rx pin is in recessive state for
more than 8 CAN bit times, it means we are now
after the acknowledge and the critical slot. If a
dominant bit is read on the bus, we can release the
FIFO immediately. This workaround has to be
written in assembly language to avoid the compiler
optimizing the test sequence.
The implementation shown here is for the CAN
bus maximum speed (1MBd @ 8MHz CPU clock).
Figure 6. Reception with TCAN=12/fCPU and sampling time is 16/fCPU
Figure 7. Workaround 2 in Assembler
DD
D
D
D
RR R
R RR
RR R
R RR
RR R
CAN Bus signal
Sampling of Rx pin
asm (“
/*
Bytes/cycles
*/
spp #48
/*
set CAN0_CTRL page
2/4
*/
/*
Use spp #36 for CAN1
ld
r0, R244
/*
For FIFO 02/4
*/
/*
NB: Replace R244 with R245 for FIFO 1*/
and
r0, #3
/*
3/6
*/
cp
r0, #2
/*
3/6
*/
jxnz
_release
/*
(JRNE instruction)
2/6
*/
/*
if FMP is not 2 then FIFO
*/
/*
release can be done
*/
pushw
RR232
/*
push working group
2/8 or 10
*/
srp
#31
/*
set group F as working group
2/4
*/
btjf
r1.5, _release
/*
REC bit of CMSR register
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
sample RX bit for 8 bit time
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
ie. 11 btjf instructions
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
btjf
r12.3, _release
/*
3/6 or 10 if jmp
*/
_release:
or R244, #32
/*
set RFOM bit of CRFR0 register
3/6
*/
/*
NB: Replace R244 with R245 for FIFO 1*/
popw
RR232
/*
restore previous working group
2/10
*/
“);
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com