Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 423 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 423 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 419Page - STMicroelectronics PQFP100 Datasheet HTML 420Page - STMicroelectronics PQFP100 Datasheet HTML 421Page - STMicroelectronics PQFP100 Datasheet HTML 422Page - STMicroelectronics PQFP100 Datasheet HTML 423Page - STMicroelectronics PQFP100 Datasheet HTML 424Page - STMicroelectronics PQFP100 Datasheet HTML 425Page - STMicroelectronics PQFP100 Datasheet HTML 426Page - STMicroelectronics PQFP100 Datasheet HTML 427Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 429 page
background image
423/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
13.8 EMULATION CHIP LIMITATIONS
Additional limitations exist on Emulation chips (EMU2 emulator). These limitations correspond to those
present in AxxxxxxxxY trace codes (ST92F150). They are listed in the following table.
13.8.1
RESET
BEHAVIOUR
FOR
BI-
DIRECTIONAL, WEAK PULL-UP PORTS
This section applies to ports P1[7:3], P4[1], P8[7:2]
and P9[7:0].
During the reset phase (external reset signal low)
and the delay of 20400 clock periods (tRSPH) fol-
lowing a reset, these ports are in High Impedance
state, while according to the datasheet they should
have weak pull-ups. These ports then enter Weak
Pull-up state until the user overwrites the reset
values of I/O Port Control Registers PxC0, PxC1
and PxC2.
Table 76. Reset Behaviour Table
Shaded areas represent erroneous operations.
Section
Limitation (AxxxxxxxxY trace code)
Section 13.8.1
RESET BEHAVIOUR FOR BI-DIRECTIONAL, WEAK PULL-UP PORTS
Section 13.8.2
HIGH DRIVE I/Os WHEN BSZ=1
Section 13.8.3
ADC PARASITIC DIODE
Section 13.8.4
ADC ACCURACY VS. NEGATIVE INJECTION CURRENT
Section 13.8.5
I2CECCR REGISTER LIMITATION
Section 13.8.6
I2C BEHAVIOUR DISTURBED DURING DMA TRANSACTIONS
Section 13.8.7
MFT DMA MASK BIT RESET
Section 13.8.8
DMA DATA CORRUPTED BY MFT INPUT CAPTURE
Section 13.8.9
SCI-A WRONG BREAK DURATION
Section 13.8.10
LIN MASTER MODE NOT PRESENT ON SCI-A
Section 13.8.11
LIMITATIONS ON LQFP64 PACKAGES
Port
Datasheet
Condition
Rev Z Behaviour
Port Behaviour
Control Register Value
While RESET
is low
During next
20K Clock
Cycles
After these
20K Clock
Cycles
PxC0
PxC1
PxC2
P1[7:3]
Bi-Dir + WPU
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
P4.1
Bi-Dir + WPU
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
P8[7:2]
Bi-Dir + WPU
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
P9[7:0]
Bi-Dir + WPU
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com