Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-762 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 35Page - Advanced Micro Devices AMD-762 Datasheet HTML 36Page - Advanced Micro Devices AMD-762 Datasheet HTML 37Page - Advanced Micro Devices AMD-762 Datasheet HTML 38Page - Advanced Micro Devices AMD-762 Datasheet HTML 39Page - Advanced Micro Devices AMD-762 Datasheet HTML 40Page - Advanced Micro Devices AMD-762 Datasheet HTML 41Page - Advanced Micro Devices AMD-762 Datasheet HTML 42Page - Advanced Micro Devices AMD-762 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
Chapter 2
Functional Operation
27
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
The AMD-762 system controller supports the following power
states:
1. ACPI C0 full-on
2. ACPI C1 Halt
3. ACPI S1 power-on suspend
4. ACPI S3 suspend to RAM
Th es e powe r st ates are d es cr ibed i n fur ther detail i n
subsequent paragraphs.
2.6.1
Full-On (C0)
In this state, the AMD-762 system controller is fully operational,
all clock trees are running, all voltage planes are enabled, and the
AMD-762 system controller provides normal refresh to DRAM.
2.6.2
Halt (C1)
If the AMD-762 system controller detects a Halt special cycle
from either of the processors, the Halt state (C1) is entered and
the Halt special cycle is driven on the PCI bus. No further
activity is required. The processor buses remain connected and
the memory remains in normal refresh mode.
2.6.3
Throttling with STPCLK# Assertion
The AMD-762 system controller supports clock throttling via
assertion of the processor’s STPCLK# pin. If the AMD-762
system controller has detected a Stop Grant special cycle from
the processor, the AMD-762 system controller waits for a Stop
Grant from the second processor (if installed), then the Stop
Grant special cycle is driven on the PCI bus. If the Stop Grant
disconnect bit is set (Dev 0:F0:0x60), when the Stop Grant
special cycle state is received, and there is no probe traffic, the
AMD-762 system controller disconnects the processor and
places system memory into self-refresh mode before passing
the special cycle to the PCI Bus. If the AMD-762 system
controller detects a PCI DMA master transaction that needs a
snoop, then the processors are connected, DRAM is taken out
of self-refresh mode, and the probe cycle(s) are initiated on the
AMD Athlon processor system buses. If the processors do not
start any non-NOP AMD Athlon processor system bus cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com