Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-762 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 9Page - Advanced Micro Devices AMD-762 Datasheet HTML 10Page - Advanced Micro Devices AMD-762 Datasheet HTML 11Page - Advanced Micro Devices AMD-762 Datasheet HTML 12Page - Advanced Micro Devices AMD-762 Datasheet HTML 13Page - Advanced Micro Devices AMD-762 Datasheet HTML 14Page - Advanced Micro Devices AMD-762 Datasheet HTML 15Page - Advanced Micro Devices AMD-762 Datasheet HTML 16Page - Advanced Micro Devices AMD-762 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
Chapter 1
Features
1
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
1
Features
The AMD Athlon™ processor powers the next generation in computing
platforms, delivering the ultimate performance for cutting-edge
applications and an unprecedented computing experience.
The AMD-760MPX™ and AMD-760MP™ chipsets are highly
integrated system logic solutions that deliver enhanced
performance for the AMD Athlon™ processor and other
AMD Athlon processor system bus-compatible processors. The
AMD-760MPX chipset consists of the AMD-762™ system
controller in a 949-pin Ceramic Column Grid Array (CCGA)
package and the AMD-768™ peripheral bus controller. The
AMD-760MP chipset consists of the AMD-762 system controller in
a CCGA package and the AMD-766™ peripheral bus controller.
The AMD-762 system controller features the AMD Athlon
system bus, system memory controller, Accelerated Graphics
Port (AGP) controller, and Peripheral Component Interconnect
(PCI) bus controller. Figure 1 on page 5 shows a block diagram
for the AMD-760MPX chipset. Figure 2 on page 6 shows a block
diagram for the AMD-760MP chipset.
The AMD-762 system controller is designed with the following
features:
n
Two AMD Athlon processor system buses support the
high-speed,
split-transaction
AMD Athlon
system
bus
interface.
These
buses
are
designed
to
operate
at
100/200-MHz or 133/266-MHz double-data rate.
n
A 66/33-MHz 64/32-bit PCI 2.2-compliant bus interface
supports up to seven bus masters plus the AMD-766
peripheral bus controller at 33 MHz or up to two bus masters
plus the AMD-768 peripheral bus controller at 66 MHz.
n
The 66-MHz AGP 2.0-compliant interface supports 1x, 2x,
and 4x data transfer mode.
n
High-speed memory—The AMD-762 system controller is
designed to support DDR SDRAM DIMMs, operating at
either 100/200-MHz or 133/266-MHz double-data rate. Note
that the DDR interface speed is always locked to the front-
side bus speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com