Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-762JLC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AMD-762JLC
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762JLC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AMD-762JLC Datasheet HTML 17Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 18Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 19Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 20Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 21Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 22Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 23Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 24Page - Advanced Micro Devices AMD-762JLC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
Chapter 2
Functional Operation
9
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
Figure 3.
Push-Pull Transmission Line Example
The dynamic compensation scheme implements a dummy
driver with characteristics exactly matching the normal driver.
An external precision resistor is attached, and the voltage of
the resulting voltage divider is compared to VTT/2. The drive
strength is then adjusted until a voltage near VTT/2 is achieved.
The output impedance then roughly matches the resistor value.
Separa te compensation is perform e d fo r the N and P
transistors. The drive strength is changed in small steps when
no data is being driven. Refer to Figure 4.
Figure 4.
Dummy Load with External Compensation Resistors
OUT
Receiver
Transmission Line
Part of Output Transistors
VTT/2
+
-
Many Segments
VTT
INP
INN
Driver
VTT
INP
INN
Dummy Driver
VTT/2
50 Ohms + 1%
50 Ohms + 1%
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com