Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CS1000LD Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CS1000LD
Description  Hanging Scales PCE-CS 1000LD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS1000LD Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CS1000LD Datasheet HTML 1Page - PCE Instruments. PCE-CS1000LD Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 1000 kg / 0 ... 2205 lbs
Minimum load
10 kg / 22 lbs
Resolution
0.2 kg / 0.4 lbs
Accuracy
±1 % of measuring range
 
 
Further specifications 
Additional functions
summing function, user-defined unit
Tare range
0 ... 100 % of measuring range
Zero point range
0 ... 4 % of measuring range
Units
kg, lb, un (user defined)
Digit height
41 mm / 1.6"
Automatic switch-off of the backlight
Off, 5, 10, 15, 30, 60 seconds
Automatic shutdown
Off, 5, 10, 15, 30, 60 seconds
Battery life
approx. 45 hours with an always active
 
Level 3 backlight
Power supply
scales 4 x 1.5 V AA batteries
Power supply
remote control 2 x 1.5 V AA batteries
Operating conditions 5 ... 35 °C / 41 ... 95 °F, <90% RH, non-condensing
Dimensions
in the instruction manual
Weight
1300 g / 2.9 lbs
More information
Manual
News
CE Certificate
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com