Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CS1000LD Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CS1000LD
Description  Hanging Scales PCE-CS 1000LD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS1000LD Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CS1000LD Datasheet HTML 1Page - PCE Instruments. PCE-CS1000LD Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hanging Scales PCE-CS 1000LD
Hanging scales with remote control / Measuring ranges 0 ... 1000 kg (0 ... 2205 lbs) / Metal housing /Various units of mass / With
hook and shackle / Large LCD display / Battery operation / Shackle opening 23 mm / Summing function / Optionally with ISO
calibration certificate
The hanging scales are available with a measuring range of 0 ... 1000 kg / 0 ... 2205 lbs. With an accuracy of 1% of the measuring range, the
dynamometer is a particularly precise measuring device. The housing of the dynamometer is made of robust metal. This means that the
dynamometer can be used in a harsh environment. It is operated on the side of the dynamometer via the control panel. For example, the unit
can be set or the zero point can be reset using the keypad. With a digit height of 41 mm and the adjustable background lighting, the
dynamometer can be read easily from a great distance and in a dark environment.
A remote control is included as an extension so that the hanging scales can be operated from a great distance. Additional settings such as the
background lighting, the totalizing function or the automatic switch-off of the dynamometer can be made via the remote control.
With the additional totalizing function, weights attached one after the other can be displayed totaled by the hanging scales. In addition to the
mass units kg and lb, a user-specific unit can be set for the dynamometer. This is done by entering a multiplier based on the kg value
measured by the force meter. The energy-saving electronics in the dynamometer enable continuous measurement for approx. 45 hours. The
force gauge can optionally be equipped with an ISO calibration certificate.
Measuring ranges 0 ... 1000 kg / 0 ... 2205 lbs
Remote control included
Various functions and units of mass
Metal case
Digit height of 41 mm
Optionally with ISO calibration certificate


Similar Part No. - PCE-CS1000LD

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CS1000LD-ICA PCE-PCE-CS1000LD-ICA Datasheet
864Kb / 2P
Hanging Scales PCE-CS 1000LD-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-CS1000LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
CBC4 ETC2-CBC4 Datasheet
206Kb / 2P
CBC Bench Counting Scales
logo
Banner Engineering Corp...
WLB92 BANNER-WLB92 Datasheet
354Kb / 3P
Hanging Bracket Kit
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com