Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5001T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF5001T
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001T Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF5001T Datasheet HTML 1Page - NXP Semiconductors PCF5001T Datasheet HTML 2Page - NXP Semiconductors PCF5001T Datasheet HTML 3Page - NXP Semiconductors PCF5001T Datasheet HTML 4Page - NXP Semiconductors PCF5001T Datasheet HTML 5Page - NXP Semiconductors PCF5001T Datasheet HTML 6Page - NXP Semiconductors PCF5001T Datasheet HTML 7Page - NXP Semiconductors PCF5001T Datasheet HTML 8Page - NXP Semiconductors PCF5001T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1997 Mar 04
3
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
1
FEATURES
• Wide operating supply voltage range (1.5 to 6.0 V)
• Extended temperature range: −40 to +85 °C (between
−40 to −10 °C, minimum supply voltage restricted
to 1.8 V)
• Very low supply current (60 µA typ. with
76.8 kHz crystal)
• “CCIR radio paging Code No 1” (POCSAG) compatible
• Programmable call termination conditions
• 512 and 1200 bits/s data rates (2400 bits/s with some
restrictions), see Section 7.4
• Improved ACCESS® synchronization algorithm
• Supports 4 user addresses (RICs) in two independent
frames
• Eight different alert cadences
• Directly drives magnetic or piezo ceramic beeper
• High level alert requires only a single external transistor
• Optional vibrator type alerting
• Silent call storage, up to eight different calls
• Repeat alarm facility
• Programmable duplicate call suppression
• Interfaces directly to UAA2050T, UAA2080 and
UAA2082 digital paging receivers
• Programmable receiver power control for battery
economy
• On-chip non-volatile EEPROM storage
• On-chip voltage converter with improved drive capability
• Serial microcontroller interface for display pager
applications
• Optional visual indication of received call data using a
modified RS232 format
• Level shifted microcontroller interface signals
• Alert on low battery
• Optional out-of-range indication.
2
APPLICATIONS
• Alert-only pagers, display pagers
• Telepoint
• Telemetry/data receivers.
3
GENERAL DESCRIPTION
The PCF5001 is a fully integrated low-power decoder and
pager controller. It decodes the CCIR radio paging Code
No.1 (POCSAG-Code) at 512 and 1200 bits/s data rates.
The PCF5001 is fabricated in SACMOS technology to
ensure low power consumption at low supply voltages.
4
ORDERING INFORMATION
Note
1. When using IR reflow soldering it is recommended that the Drypack instructions in the
“Quality Reference Handbook”
(order number 9397 750 00192) are followed.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF5001T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
PCF5001H
LQFP32(1)
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com