Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5001T Datasheet (PDF) - NXP Semiconductors

PCF5001T Datasheet PDF - NXP Semiconductors
Part # PCF5001T
Download  PCF5001T Download
File Size   273.37 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description POCSAG Paging Decoder

PCF5001T Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF5001T Datasheet PDF - NXP Semiconductors

Part # PCF5001T
Download  PCF5001T Click to download

File Size   273.37 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description POCSAG Paging Decoder

PCF5001T Datasheet (HTML) - NXP Semiconductors


PCF5001T Product details

GENERAL DESCRIPTION

The PCF5001 is a fully integrated low-power decoder and pager controller. It decodes the CCIR radio paging Code No.1 (POCSAG-Code) at 512 and 1200 bits/s data rates. The PCF5001 is fabricated in SACMOS technology to ensure low power consumption at low supply voltages.



FEATURES

• Wide operating supply voltage range (1.5 to 6.0 V)

• Extended temperature range: −40 to +85 °C (between

−40 to −10 °C, minimum supply voltage restricted to 1.8 V)

• Very low supply current (60 µA typ. with 76.8 kHz crystal)

• “CCIR radio paging Code No 1” (POCSAG) compatible

• Programmable call termination conditions

• 512 and 1200 bits/s data rates (2400 bits/s with some restrictions), see Section 7.4

• Improved ACCESS synchronization algorithm

• Supports 4 user addresses (RICs) in two independent frames

• Eight different alert cadences

• Directly drives magnetic or piezo ceramic beeper

• High level alert requires only a single external transistor

• Optional vibrator type alerting

• Silent call storage, up to eight different calls

• Repeat alarm facility

• Programmable duplicate call suppression

• Interfaces directly to UAA2050T, UAA2080 and UAA2082 digital paging receivers

• Programmable receiver power control for battery economy

• On-chip non-volatile EEPROM storage

• On-chip voltage converter with improved drive capability

• Serial microcontroller interface for display pager applications

• Optional visual indication of received call data using a modified RS232 format

• Level shifted microcontroller interface signals

• Alert on low battery

• Optional out-of-range indication.



APPLICATIONS

• Alert-only pagers, display pagers

• Telepoint

• Telemetry/data receivers.




Similar Part No. - PCF5001T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
Controller for power supply and battery management
2003 Oct 31
PCF50603HN PHILIPS-PCF50603HN Datasheet
147Kb / 28P
Controller for power supply and battery management
2003 Oct 31
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
Baseband and audio interface for GSM
1999 May 03
PCF50732H PHILIPS-PCF50732H Datasheet
322Kb / 64P
Baseband and audio interface for GSM
1999 May 03
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
Power amplifier controller for GSM and PCN systems
1997 Nov 19
More results


Similar Description - PCF5001T

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
POCSAG Decoder For Multiframe Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
POCSAG Decoder For Multiframe Pagers
logo
NXP Semiconductors
PCD5002 PHILIPS-PCD5002 Datasheet
203Kb / 48P
Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
logo
Seiko Instruments Inc
S-70L41B SII-S-70L41B Datasheet
1Mb / 23P
PAGING DECODER
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
PAGING DECODER IC (POCSAG)
S-7041B SII-S-7041B Datasheet
1Mb / 21P
PAGING DECODER
logo
Winbond
W93910 WINBOND-W93910 Datasheet
267Kb / 35P
ERMES PAGING DECODER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com