Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CSI15 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CSI15
Description  Crane Scale PCE-CSI 15
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CSI15 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CSI15 Datasheet HTML 1Page - PCE Instruments. PCE-CSI15 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Weighing range
15,000 kg / 33,069 lb
Minimum load
100 kg / 220 lb
Resolution
5 kg / 11 lb
Standards
OIML class III
Zero range
4 % of the weighing range
Tare range
100 % of the weighing range
Settling time
≤ 10 seconds
Overload display
100 % of the weighing range + 9e
Max. safety load
125 % of the weighing range
Maximum load
400 % of the weighing range
Display
5-digit LCD/LED,  75 mm / 2.9" digit height
Battery
fully sealed lead battery, 6 V / 7 Ah
Operating time
≥ 40 hours
Power supply
9 V DC / 1000 mA
Remote control range
15 m / 49 ft
Power supply remote control 2 x 1.5 V AAA batteries
Operating temperature
-20 °C to 70 °C / -4 °F to 158 °F
Operating humidity
≤ 85 % RH at below +20 °C / 68 °F
Weight
44 kg / 97 lb
Dimensions
 
A
1050 mm / 41.3"
B
360 mm / 14.1"
C
635 mm / 25.0"
D
775 mm / 30.5"
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com