Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CSI15 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CSI15
Description  Crane Scale PCE-CSI 15
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CSI15 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CSI15 Datasheet HTML 1Page - PCE Instruments. PCE-CSI15 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crane Scale PCE-CSI 15
Crane Scale
Weighing range 15 t / Control via remote control / Display with 75 mm digit height
Hold, tare and totalizing function / Integrated 7 Ah battery / Operating time ≥ 40 h
The crane scale was developed for in-house weighing of up to 15 t. The crane scale has a massive shackle on the top and a rotatable hook with
a safety catch on the underside. The crane scale is operated using the infrared remote control supplied. The 5-digit LED display has a digit
height of approx. 75 mm, so that the readings can be read from a distance without any problems. The integrated battery of the crane scale
ensures an operating time of over 40 hours. The battery level can be checked at any time. If it is low, the display of the crane scale also starts to
flash, so that it is easy for the operator to see when the battery needs to be charged.
The crane scale also offers other useful functions. The tare function enables weights to be tared (e.g. slings such as ropes, chains, etc.). If the
weight of the objects to be tared is known, this can also be entered manually in advance. Another useful function of the crane scale is the
totalizing function. Several weights can be added and the sum read out. The display hold function can also be used to freeze measured values
on the display.
Weighing range: 15,000 kg / 33,069 lb
Resolution: 5 kg / 11 lb
Minimum load: 100 kg / 220 lb
Control via remote control
Up to 40 hours of operation
Tare, hold and totaling functions
5-digit display with 75 mm / 2.9" digit height
Easy handling


Similar Part No. - PCE-CSI15

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CSI25 PCE-PCE-CSI25 Datasheet
146Kb / 2P
Crane Scale PCE-CSI 25
PCE-CSI30 PCE-PCE-CSI30 Datasheet
146Kb / 2P
Crane Scale PCE-CSI 30
More results

Similar Description - PCE-CSI15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
ERNI Electronics
100203210053 ERNI-100203210053 Datasheet
58Kb / 1P
Federleistengehause C96 CSI
100303210049 ERNI-100303210049 Datasheet
72Kb / 1P
Federkontaktband CSI
100203210062 ERNI-100203210062 Datasheet
71Kb / 1P
Federkontaktband CSI
100403210171 ERNI-100403210171 Datasheet
89Kb / 1P
Federleistengehause C96 CSI
100403210049 ERNI-100403210049 Datasheet
72Kb / 1P
Federkontaktband CSI
100503210053 ERNI-100503210053 Datasheet
72Kb / 1P
Federkontaktband CSI
101003210022 ERNI-101003210022 Datasheet
71Kb / 1P
Federkontaktband CSI
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com