Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DDM3 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-DDM3
Description  Hanging Scales PCE-DDM 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DDM3 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DDM3 Datasheet HTML 1Page - PCE Instruments. PCE-DDM3 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
3000 kg / 30 kN / 6614 lbs
Resolution
1 kg / 10 N / 2.2 lbs
Min. range
10 kg / 22 lbs
Weight (with shackle)
2 kg / 4.4 lbs
(5 kg / 11 lbs)
Accuracy
±0.1% of measurement range
Tare range
Max. 20% of measurement range
Display
LCD with 22 mm / 0.9 in digit height
Units of measurement                 
kg / t / lb / N / kN
Sampling rate
2.5 Hz
Operating temperature
-10°C ... 40°C / 14°F ... 104°F
Power supply
3 x 1.5V AA batteries
Operating time
Approx. 50 hours
 
Technical drawing
A
B
C
D
Ø E
Ø F
G
H
Material
260 mm
10.2 in
123 mm
4.8 in
37 mm
1.5 in
195 mm
7.7 in
51 mm
2.0 in
24 mm
0.9 in
30 mm
1.2 in
365 mm
14.4 in
Aluminum
More information
Manual
Diagram
Video
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com