Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DDM3 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DDM3
Description  Hanging Scales PCE-DDM 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DDM3 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DDM3 Datasheet HTML 1Page - PCE Instruments. PCE-DDM3 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hanging Scales PCE-DDM 3
PCE-DDM 3 Hanging Scales
Measurement range up to 3 t / Peak hold function / Includes remote control indicator, shackles and protective carrying case
The PCE-DDM 3 Hanging Scales are the ideal tool for measuring strong tensile forces. The PCE-DDM 3 Hanging Scales are delivered in a
protective carrying case and includes two shackles made of heavy-duty aluminum. The instrument is manufacturer calibrated, but can be
certified to ISO standards for an additional fee. Despite its high measurement capacity, the Hanging Scales are a compact portable device with
a low net weight. Interesting functions of the Hanging Scales are the peak hold function, summation function, and the ability to select different
units of measurement such as kg / t / lbs / N / kN. The instrument is only suitable for weighing and for tension force testing. For compression
force testing, please see the PCE-FB series force gauges.
Measurement range up to 3000 kg / 30 kN
High capacity
Compact and portable
Long battery life
Peak hold function
Summation function
Selectable units of measurement: kg / t / lb / N / kN
Adjustable gravitation range
Remote control indicator, shackles and carrying case included


Similar Part No. - PCE-DDM3

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DDM3WI PCE-PCE-DDM3WI Datasheet
409Kb / 2P
Hanging Scales PCE-DDM 3WI
More results

Similar Description - PCE-DDM3

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0017 MOLEXKITS-76650-0017 Datasheet
39Kb / 2P
Free Hanging Plug and Receptacle, 3-9 A 250V
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
TE Connectivity Ltd
C-2213414 TEC-C-2213414 Datasheet
259Kb / 2P
HOUSING, PIN, FREE-HANGING NECTOR M-LINE; 3 POLE
C-2213428 TEC-C-2213428 Datasheet
490Kb / 2P
FREE HANGING,SOCKET SEALED NECTOR M 3 POSN
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com