Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5078 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF5078
Description  Power amplifier controller for GSM and PCN systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5078 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF5078 Datasheet HTML 1Page - NXP Semiconductors PCF5078 Datasheet HTML 2Page - NXP Semiconductors PCF5078 Datasheet HTML 3Page - NXP Semiconductors PCF5078 Datasheet HTML 4Page - NXP Semiconductors PCF5078 Datasheet HTML 5Page - NXP Semiconductors PCF5078 Datasheet HTML 6Page - NXP Semiconductors PCF5078 Datasheet HTML 7Page - NXP Semiconductors PCF5078 Datasheet HTML 8Page - NXP Semiconductors PCF5078 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Apr 12
2
Philips Semiconductors
Product specification
Power amplifier controller for GSM and
PCN systems
PCF5078
FEATURES
• Compatible with baseband interface family PCF5073x
• Two power sensor inputs
• Temperature compensation of sensor signal
• Active filter for DAC input
• Power Amplifier (PA) protection against mismatching
• Bias current source for detector diodes
• Generation of pre-bias level for PA at start of burst
(home position)
• Possibility to adapt home position by external
components
• Applicable for a wide range of silicon and GaAs power
amplifiers.
APPLICATIONS
• Global System for Mobile communication (GSM)
• Personal Communications Network (PCN) systems.
GENERAL DESCRIPTION
This CMOS device integrates an amplifier for the detected
RF voltage from the sensor, an integrator and an active
filter to build a PA control loop for cellular systems with a
small amount of passive components.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.4
3.6
5.0
V
IDD(tot)
total supply current
−−
6mA
Tamb
operating ambient temperature
−40
−
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF5078T
TSSOP8 plastic thin shrink small outline package; 8 leads; body width 3.0 mm
SOT505-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com