Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5078 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF5078
Description  Power amplifier controller for GSM and PCN systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5078 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF5078 Datasheet HTML 1Page - NXP Semiconductors PCF5078 Datasheet HTML 2Page - NXP Semiconductors PCF5078 Datasheet HTML 3Page - NXP Semiconductors PCF5078 Datasheet HTML 4Page - NXP Semiconductors PCF5078 Datasheet HTML 5Page - NXP Semiconductors PCF5078 Datasheet HTML 6Page - NXP Semiconductors PCF5078 Datasheet HTML 7Page - NXP Semiconductors PCF5078 Datasheet HTML 8Page - NXP Semiconductors PCF5078 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Apr 12
3
Philips Semiconductors
Product specification
Power amplifier controller for GSM and
PCN systems
PCF5078
BLOCK DIAGRAM
Fig.1 Block diagram.
MGS193
handbook, full pagewidth
30
µA
10
µA
VDD
VDD
10
µA
OP1
OP4
56
7
3
42
1
S1
S1
C1
6 pF
C2
6 pF
C3
5 pF
C4
10 pF
VDD
VDAC
Vprebias
VDD
Vhome
30
µA
VDD
8
S2
S2
S3
S3
S4
S4
S5
S5
PCF5078
PCF5073x
50 k
Ω
R3
15 k
Ω
R6
20 k
Ω
R1
1 k
Ω
R2
R4
6 k
Ω
CONTROL
LOGIC
AUXDAC3
PA
D1
D2
RF
VDD
VDAC
VINT
VHOME
VSS
VS2
VS1
VC
sensor
antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com