Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PI10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PI10
Description  Digital Multimeter PCE-PI 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PI10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PI10 Datasheet HTML 1Page - PCE Instruments. PCE-PI10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range of rotating field
detection
75 ... 600V AC
Frequency range of rotary field
recognition  
40 ... 400 Hz
 
 
 
 
AC voltage AC
Measuring
range   
Resolutio
n   
Accuracy
 
600 mV
0.1 mV
± (2.3% of rdg. + 5
Dgt)
 
6V
1 mV
± (2.3% of rdg. + 5
Dgt)
 
60V
10 mV
± (2.3% of rdg. + 5
Dgt)
 
600V
0.1V
± (2.3% of rdg. + 5
Dgt)
 
 
 
 
DC voltage DC
600 mV
0.1 mV
± (0.8% of rdg. + 8
Dgt)
 
6V
1 mV
± (0.8% of rdg. + 8
Dgt)
 
60V
10 mV
± (0.8% of rdg. + 8
Dgt)
 
600V
0.1V
± (0.8% of rdg. + 8
Dgt)
 
 
 
 
Power supply
2 x 1.5V AAA battery
Display
2 x LCD displays
Standards
CAT III 600V
 
EN61010-1
 
EN61010-2-003
 
EN61326-1
 
 
Dimensions
165 x 82 x 45 mm / 6.5 x 8.2 x 1.8 in
Weight
About 245 g / < 1 lb
 
 
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com