Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PI10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PI10
Description  Digital Multimeter PCE-PI 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PI10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PI10 Datasheet HTML 1Page - PCE Instruments. PCE-PI10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Multimeter PCE-PI 10
Digital multimeter PCE-PI 10
Rotary field indicator with voltage tester / Two LCD displays / Voltage measurement up to 600V / Test leads with crocodile clips
The rotating field indicator PCE-PI 10 is used to determine the direction of rotation of 3-phase voltage networks. Furthermore, the rotating field
indicator is able to measure voltages up to 600V AC / DC. The rotating field direction is important for machines and plants. If the phases are
not connected correctly, damage to connected motors and pumps can occur, for example.
The rotating field indicator shows the direction of rotation on an LCD display. Furthermore, the display of the rotary field indicator shows
whether a phase has been connected to the measuring lines or not. The measuring cables of the rotating field indicator are equipped with
crocodile clips so that the measuring device can be connected directly to cables or screw contacts.
3-phase rotating field detection
AC / DC voltage measurement
Measuring range 75 ... 600V AC
Test leads with crocodile clips
CAT III 600V
Easy handling


Similar Part No. - PCE-PI10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PIC120 PCE-PCE-PIC120 Datasheet
486Kb / 2P
Videoscope PCE-PIC 120
PCE-PIC20 PCE-PCE-PIC20 Datasheet
298Kb / 2P
Industrial Borescope PCE-PIC 20
PCE-PIC40 PCE-PCE-PIC40 Datasheet
519Kb / 2P
Industrial Borescope PCE-PIC 40
PCE-PIC60 PCE-PCE-PIC60 Datasheet
492Kb / 2P
Videoscope PCE-PIC 60
More results

Similar Description - PCE-PI10

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
U1241A/U1242A Handheld Digital Multimeter
U1230 HP-U1230 Datasheet
327Kb / 10P
Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com