Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C00T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF84C00T
Description  8-bit microcontroller with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C00T Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF84C00T Datasheet HTML 1Page - NXP Semiconductors PCF84C00T Datasheet HTML 2Page - NXP Semiconductors PCF84C00T Datasheet HTML 3Page - NXP Semiconductors PCF84C00T Datasheet HTML 4Page - NXP Semiconductors PCF84C00T Datasheet HTML 5Page - NXP Semiconductors PCF84C00T Datasheet HTML 6Page - NXP Semiconductors PCF84C00T Datasheet HTML 7Page - NXP Semiconductors PCF84C00T Datasheet HTML 8Page - NXP Semiconductors PCF84C00T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1996 Nov 25
4
Philips Semiconductors
Product specification
8-bit microcontroller with I2C-bus interface
PCF84C00
4
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGG401
OSCILLATOR
XTAL
PORT 0
LATCH
PORT 0
BUFFER
HIGHER
PROGRAM
COUNTER
LOWER
PROGRAM
COUNTER
PROGRAM
STATUS
WORD
MEMORY
BANK
FLIP-FLOPS
8
85
13
88
7
8
P0.7 to P0.0
RAM
ADDRESS
REGISTER
ACCUMULATOR
TEMPORARY
REGISTER 2
TEMPORARY
REGISTER 1
PROGRAM
COUNTER
ARITHMETIC
LOGIC UNIT
INSTRUCTION
REGISTER
&
DECODER
DECIMAL
ADJUST
CONTROL & TIMING
XTAL 2
XTAL 1
RESET
STOP
IDLE
INTERRUPT
INITIALIZE
CONDITIONAL
BRANCH
LOGIC
INT/T0
INT/T0
TEST 1
TIMER FLAG
CARRY
ACC
ACC BIT
TEST
RESIDENT RAM ARRAY
MULTIPLEXER
8 LEVEL STACK
(VARIABLE LENGTH)
OPTIONAL SECOND
REGISTER BANK
DATA STORE
D
E
C
O
D
E
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER 4
REGISTER 5
REGISTER 6
REGISTER 7
PORT 1
LATCH
PORT 1
BUFFER
P1.7 to P1.0
8
88
PORT 2
LATCH
PORT 2
BUFFER
P2.2 to P2.0
4
3
TIMER/
EVENT
COUNTER
I2C-BUS
INTERFACE
32
INTERNAL
CLOCK
FREQUENCY
30
TEST 1
INTERRUPT
LOGIC
external
interrupt
SIO
interrupt
POWER
ON
RESET
RESET
data
SCLK
clock
SERIAL DATA/P2.3
(8)
(5)
(8)
"SEE
FIGS 2 AND 3"
VPOR
POWER
SUPPLY
VDD
VSS
GND
(8)
(8)
(8)
(8)
timer
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com