Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C00T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF84C00T
Description  8-bit microcontroller with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C00T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF84C00T Datasheet HTML 9Page - NXP Semiconductors PCF84C00T Datasheet HTML 10Page - NXP Semiconductors PCF84C00T Datasheet HTML 11Page - NXP Semiconductors PCF84C00T Datasheet HTML 12Page - NXP Semiconductors PCF84C00T Datasheet HTML 13Page - NXP Semiconductors PCF84C00T Datasheet HTML 14Page - NXP Semiconductors PCF84C00T Datasheet HTML 15Page - NXP Semiconductors PCF84C00T Datasheet HTML 16Page - NXP Semiconductors PCF84C00T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1996 Nov 25
13
Philips Semiconductors
Product specification
8-bit microcontroller with I2C-bus interface
PCF84C00
10 AC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; all voltages with respect to VSS; unless otherwise specified.
Notes
1. At VDD = 5 V; Tamb =25 °C; CL =50pF.
2. 1 time slot (TS) = 3CP, 1 clock pulse (CP) = 1/fxtal.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(2)
MAX.
UNIT
tr
rise time all outputs
note 1
−
30
−
ns
tf
fall time all outputs
note 1
−
30
−
ns
Tcy
cycle time
30CP; note 2
3
−
30
µs
PCF84C00/non-standard pins:
tCC
control pulse width
Fig.16
−
9CP
−µs
tAS
address to PSEN set-up
Fig.16
−
1.5CP
−µs
tDS
data to PSEN set-up
Fig.16
−
2CP
−µs
tDR
data hold time
Fig.16
0
−−
ns
tSDO
data out to DWXR set-up
Fig.17
−
2CP
−µs
tHDO
data out to DXWR hold
Fig.17
−
1CP
−µs
tSLPH
time from DXALE to PSEN Figs 14, 15 and 17
−
1.5CP
−µs
tDS1
data-in to DXRD set-up
Figs 14, 15 and 17
−
2.5CP
−µs
tDR1
data-in to DXRD hold
Figs 14 and 17
0
−−
ns
tDXALE
HIGH time of DXALE
Figs 14, 15 and 17
−
4.5CP
−µs
tDXRD
LOW time of DXRD
Figs 14 and 17
−
6CP
−µs
tDXWR
LOW time of DXWR
Figs 15 and 17
−
3CP
−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com