Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C12AP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF84C12AP
Description  8-bit microcontroller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C12AP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF84C12AP Datasheet HTML 1Page - NXP Semiconductors PCF84C12AP Datasheet HTML 2Page - NXP Semiconductors PCF84C12AP Datasheet HTML 3Page - NXP Semiconductors PCF84C12AP Datasheet HTML 4Page - NXP Semiconductors PCF84C12AP Datasheet HTML 5Page - NXP Semiconductors PCF84C12AP Datasheet HTML 6Page - NXP Semiconductors PCF84C12AP Datasheet HTML 7Page - NXP Semiconductors PCF84C12AP Datasheet HTML 8Page - NXP Semiconductors PCF84C12AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 May 11
5
Philips Semiconductors
Product specification
8-bit microcontroller
PCF84C12A
5
PINNING INFORMATION
5.1
Pinning
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PCF84C12A
MBK778
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
INT/T0
VSS
T1
XTAL1
XTAL2
RESET
P1.0
P1.1
P1.3
P1.2
P1.4
VDD
5.2
Pin description
Table 1
DIP20 and SO20 packages
SYMBOL
PIN
TYPE
DESCRIPTION
P0.0 to P0.7
1 to 8
I/O
Port 0: 8-bit
quasi-bidirectional
I/O port
INT/T0
9
I
Interrupt/Test 0
VSS
10
P
ground
T1
11
I
Test 1/count input of
8-bit timer/event
counter 1
XTAL1
12
I
crystal oscillator
input or external
clock input
XTAL2
13
O
crystal oscillator
output
RESET
14
I
reset input
P1.0 to P1.4
15 to 19
I/O
Port 1: 4-bit
quasi-bidirectional
I/O port
VDD
20
P
positive supply
6
INSTRUCTION SET
Since the I2C-bus interface, Port 2 and derivative logic are
not provided, instructions associated with these functions
are not available.
ROM space is restricted to 1 kbyte for the PCF84C12A.
Therefore, the instructions SEL MB1/2/3 should be
avoided as they would define non-existing program
memory banks.
As RAM space is limited to 64 bytes, care should be taken
to avoid accesses to non-existing RAM locations.
Refer to the
“PCF84CxxxA family” data sheet, for a
complete description of the instruction set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com