Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C12AP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF84C12AP
Description  8-bit microcontroller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C12AP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF84C12AP Datasheet HTML 6Page - NXP Semiconductors PCF84C12AP Datasheet HTML 7Page - NXP Semiconductors PCF84C12AP Datasheet HTML 8Page - NXP Semiconductors PCF84C12AP Datasheet HTML 9Page - NXP Semiconductors PCF84C12AP Datasheet HTML 10Page - NXP Semiconductors PCF84C12AP Datasheet HTML 11Page - NXP Semiconductors PCF84C12AP Datasheet HTML 12Page - NXP Semiconductors PCF84C12AP Datasheet HTML 13Page - NXP Semiconductors PCF84C12AP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 May 11
10
Philips Semiconductors
Product specification
8-bit microcontroller
PCF84C12A
Fig.11 Typical HIGH-level push-pull output source
current (IOH1) as a function of operating
supply voltage (VDD).
handbook, halfpage
1
12
8
4
0
357
MBC961
VDD (V)
I OH1
(mA)
VO =VDD − 0.4 V.
Fig.12 Typical transconductance values (gm) as a
function of operating supply voltage (VDD)
for the options gvmL, gmM and gmH.
handbook, halfpage
1
6
4
2
0
357
MBC962
VDD (V)
gm
(mS)
gmH
g mM
g mL
11 AC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS = 0 V; Tamb = −40 to +85 °C; all voltages with respect to VSS; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
tr
rise time all outputs
VDD =5V; Tamb =25 °C; CL =50pF
−
30
−
ns
tf
fall time all outputs
VDD =5V; Tamb =25 °C; CL =50pF
−
30
−
ns
fxtal
clock frequency
see Fig.3
1
−
16
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com