Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C85A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF84C85A
Description  Microcontroller with extended I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C85A Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF84C85A Datasheet HTML 1Page - NXP Semiconductors PCF84C85A Datasheet HTML 2Page - NXP Semiconductors PCF84C85A Datasheet HTML 3Page - NXP Semiconductors PCF84C85A Datasheet HTML 4Page - NXP Semiconductors PCF84C85A Datasheet HTML 5Page - NXP Semiconductors PCF84C85A Datasheet HTML 6Page - NXP Semiconductors PCF84C85A Datasheet HTML 7Page - NXP Semiconductors PCF84C85A Datasheet HTML 8Page - NXP Semiconductors PCF84C85A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1996 Nov 21
3
Philips Semiconductors
Product specification
Microcontroller with extended I/O
PCF84C85A
1
FEATURES
• 8-bit CPU, ROM, RAM, I/O in a single 40-lead package
• 8 kbytes ROM
• 256 bytes RAM
• I2C-bus interface with multi-master capability
• Over 100 instructions (based on MAB8048)
all of 1 or 2 cycles
• 32 quasi-bidirectional I/O port lines
• 8-bit programmable timer/event counter 1
• Three single-level vectored interrupts:
– external
– 8-bit programmable timer/event counter 1
–I2C-bus
• Two test inputs, one of which also serves as the external
interrupt input
• Stop and Idle modes
• Logic supply voltage: VDD = 2.5 to 5.5 V
• Clock frequency: 1 to 16 MHz
• Operating temperature: −40 to +85 °C
• Manufactured in silicon gate CMOS process.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCF84C85A. The shared properties of the PCF84CxxxA
family of microcontrollers are described in the
“PCD84xxxA family” data sheet which should be read in
conjunction with this publication.
The PCF84C85A is a general purpose CMOS
microcontroller with emphasis on input/output. It provides
32 I/O port lines, 8 kbytes of program memory and
256 bytes of RAM. In addition to the 32 I/O port lines, the
microcontroller provides an on-chip I2C-bus interface. This
two-line serial bus extends the microcontroller's
capabilities when implemented with the powerful I2C-bus
peripherals.These include LCD drivers, telecom circuits,
AD/DA converters, clock/calendar circuits, EEPROM and
RAM and are listed in
“Data Handbook IC12, I2C
Peripherals”.
The instruction set is based on that of the MAB8048 and is
a sub-set of that listed in the
“PCF84CXXXA family” data
sheet.
3
ORDERING INFORMATION (see note 1)
Note
1. Please refer to the Order Entry Form (OEF) for this device for the full type number to use when ordering. This type
number will also specify the required program and the ROM mask options.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF84C85AP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT 129-1
PCF84C85AT
VSO40
plastic very small outline package; 40 leads
SOT 158-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com