Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C85A Datasheet (PDF) - NXP Semiconductors

PCF84C85A Datasheet PDF - NXP Semiconductors
Part # PCF84C85A
Download  PCF84C85A Download
File Size   115.65 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Microcontroller with extended I/O

PCF84C85A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF84C85A Datasheet PDF - NXP Semiconductors

Part # PCF84C85A
Download  PCF84C85A Click to download

File Size   115.65 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Microcontroller with extended I/O

PCF84C85A Datasheet (HTML) - NXP Semiconductors


PCF84C85A Product details

GENERAL DESCRIPTION
This data sheet details the specific properties of the PCF84C85A. The shared properties of the PCF84CxxxA family of microcontrollers are described in the “PCD84xxxA family” data sheet which should be read in conjunction with this publication.
The PCF84C85A is a general purpose CMOS microcontroller with emphasis on input/output. It provides 32 I/O port lines, 8 kbytes of program memory and 256 bytes of RAM. In addition to the 32 I/O port lines, the microcontroller provides an on-chip I2C-bus interface. This two-line serial bus extends the microcontrollers capabilities when implemented with the powerful I2C-bus peripherals.These include LCD drivers, telecom circuits, AD/DA converters, clock/calendar circuits, EEPROM and RAM and are listed in “Data Handbook IC12, I2C Peripherals”

FEATURES
• 8-bit CPU, ROM, RAM, I/O in a single 40-lead package
• 8 kbytes ROM
• 256 bytes RAM
• I2C-bus interface with multi-master capability
• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles
• 32 quasi-bidirectional I/O port lines
• 8-bit programmable timer/event counter 1
• Three single-level vectored interrupts:
   – external
   – 8-bit programmable timer/event counter 1
   – I2C-bus
• Two test inputs, one of which also serves as the external interrupt input
• Stop and Idle modes
• Logic supply voltage: VDD = 2.5 to 5.5 V
• Clock frequency: 1 to 16 MHz
• Operating temperature: −40 to +85 °C
• Manufactured in silicon gate CMOS process.




Similar Part No. - PCF84C85A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C81 PHILIPS-PCF84C81 Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81 PHILIPS-PCF84C81 Datasheet
111Kb / 20P
Telecom microcontroller
1998 Apr 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
Telecom microcontroller
1998 Apr 20
PCF84C81AP PHILIPS-PCF84C81AP Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
More results


Similar Description - PCF84C85A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
Ultra Low Power Multi I/O Microcontroller
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
Ultra Low Power Multi I/O Microcontroller
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
Extended 8-bit Microcontroller with Analog Interfaces
logo
List of Unclassifed Man...
BLUAC5-QE ETC2-BLUAC5-QE Datasheet
192Kb / 3P
Q Programmable Servo Drive w/ Extended I/O
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
I/O-Expander for Microcontroller
May, 2013 Ver.0.22
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
I/O-Expander for Microcontroller
May, 2013 Ver.1.2
logo
Nanjing Qinheng Microel...
CH422 WCH-CH422 Datasheet
159Kb / 7P
Digital Tube Display Drive I/O Extended chip
logo
NHP Electrical Engineer...
1794-CE1 NHP-1794-CE1 Datasheet
495Kb / 1P
FLEX I/O EXTENDED LOCAL I/O CABLE 0.3M
7 June 2023,
1794-CE3 NHP-1794-CE3 Datasheet
496Kb / 1P
FLEX I/O EXTENDED LOCAL I/O CABLE 0.9M
7 June 2023,
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com