Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C81 Datasheet (PDF) - NXP Semiconductors

PCF84C81 Datasheet PDF - NXP Semiconductors
Part # PCF84C81
Download  PCF84C81 Download
File Size   111.2 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Telecom microcontroller

PCF84C81 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF84C81 Datasheet PDF - NXP Semiconductors

Part # PCF84C81
Download  PCF84C81 Click to download

File Size   111.2 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Telecom microcontroller

PCF84C81 Datasheet (HTML) - NXP Semiconductors


PCF84C81 Product details

GENERAL DESCRIPTION
This data sheet details the specific properties of the PCF84C21A, PCF84C41A and PCF84C81A. The shared properties of the PCF84CxxxA family of microcontrollers are described in the “PCF84CxxxA family” data sheet which should be read in conjunction with this publication.

FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, ROM, RAM, I/O in a 28-lead package
• 2 kbyte ROM, 64 byte RAM (PCF84C21A)
• 4 kbyte ROM, 128 byte RAM (PCF84C41A)
• 8 kbyte ROM, 256 byte RAM (PCF84C81A)
• I2C-bus interface with multi-master capability
• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles
• 20 quasi-bidirectional I/O Port lines
• High sink current capability on the 8 lines of Port 1
• 8-bit programmable timer/event counter 1
• 3 single-level vectored interrupts:
    – external
    – 8-bit programmable timer/event counter 1
    – I2C-bus
• Two test inputs, one of which also serves as the external interrupt input
• Stop and Idle modes
• Supply voltage: 2.5 to 5.5 V
• Clock frequency: 1 to 16 MHz
• Operating temperature: −40 to +85 °C.




Similar Part No. - PCF84C81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C81 PHILIPS-PCF84C81 Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81AP PHILIPS-PCF84C81AP Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81AT PHILIPS-PCF84C81AT Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
More results


Similar Description - PCF84C81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
logo
AIT Components Ltd.
EFD12 AITCOMPONENTS-EFD12 Datasheet
607Kb / 1P
TELECOM TRANSFORMERS
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
Telecom
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
Telecom Infrastructure
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
Telecom Infrastructure
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
Telecom Infrastructure
HMC460 MICROSS-HMC460 Datasheet
990Kb / 11P
Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
Telecom Infrastructure
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com