Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C81 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF84C81
Description  Telecom microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C81 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF84C81 Datasheet HTML 1Page - NXP Semiconductors PCF84C81 Datasheet HTML 2Page - NXP Semiconductors PCF84C81 Datasheet HTML 3Page - NXP Semiconductors PCF84C81 Datasheet HTML 4Page - NXP Semiconductors PCF84C81 Datasheet HTML 5Page - NXP Semiconductors PCF84C81 Datasheet HTML 6Page - NXP Semiconductors PCF84C81 Datasheet HTML 7Page - NXP Semiconductors PCF84C81 Datasheet HTML 8Page - NXP Semiconductors PCF84C81 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1998 Apr 20
3
Philips Semiconductors
Product specification
Telecom microcontroller
PCF84C81A
1
FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, ROM, RAM, I/O in a 28-lead package
• 8 kbyte ROM, 256 byte RAM (PCF84C81A)
• I2C-bus interface with multi-master capability
• Over 100 instructions (based on MAB8048) all of
1 or 2 cycles
• 20 quasi-bidirectional I/O Port lines
• High sink current capability on the 8 lines of Port 1
• 8-bit programmable timer/event counter 1
• 3 single-level vectored interrupts:
– external
– 8-bit programmable timer/event counter 1
–I2C-bus
• Two test inputs, one of which also serves as the external
interrupt input
• Stop and Idle modes
• Supply voltage: 2.5 to 5.5 V
• Clock frequency: 1 to 16 MHz
• Operating temperature: −40 to +85 °C.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCF84C81A. The shared properties of the PCF84CxxxA
family of microcontrollers are described in the
“PCF84CxxxA family” data sheet which should be read in
conjunction with this publication.
The PCF84C81A is a general purpose CMOS
microcontroller with 8 kbytes of program memory and
256 bytes of RAM. In addition to 20 I/O port lines, the
microcontrollers provide an on-chip I2C-bus interface. This
two-line serial bus extends the microcontroller capabilities
when implemented with the powerful I2C-bus peripherals.
These include LCD drivers, I/O expanders, telecom
circuits, ADC and DAC converters, clock/calendar circuits,
EEPROM and RAM and are listed in
“Data Handbook
IC12, I2C Peripherals”.
The instruction set is based on that of the MAB8048 and
is a sub-set of that listed in the
“PCF84CxxxA family” data
sheet.
3
ORDERING INFORMATION (see note 1)
Note
1. Please refer to the Order Entry Form (OEF) for the full type number to use when ordering. This type number will also
specify the required program and the ROM mask options.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF84C81AP
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
PCF84C81AT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com