Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C85AP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF84C85AP
Description  Microcontroller with extended I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C85AP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF84C85AP Datasheet HTML 2Page - NXP Semiconductors PCF84C85AP Datasheet HTML 3Page - NXP Semiconductors PCF84C85AP Datasheet HTML 4Page - NXP Semiconductors PCF84C85AP Datasheet HTML 5Page - NXP Semiconductors PCF84C85AP Datasheet HTML 6Page - NXP Semiconductors PCF84C85AP Datasheet HTML 7Page - NXP Semiconductors PCF84C85AP Datasheet HTML 8Page - NXP Semiconductors PCF84C85AP Datasheet HTML 9Page - NXP Semiconductors PCF84C85AP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Nov 21
6
Philips Semiconductors
Product specification
Microcontroller with extended I/O
PCF84C85A
8
SUMMARY OF DERIVATIVE PORTS AND REGISTERS
Table 2
Derivative Ports.
Table 3
Derivative Registers.
9
ROM MASK OPTIONS
DERIVATIVE
ADDRESS
TYPE
REGISTER
MNEMONIC
DESCRIPTION
00H
R
DP0L
Derivative Port 0 lines
01H
R
DP1L
Derivative Port 1 lines
02H
R/W
DP0FF
Derivative Port 0 flip-flops
03H
R/W
DP1FF
Derivative Port 1 flip-flops
04H
−−
REGISTER
MNEMONIC
7
6
5
43210
DP0L
D0.7
D0.6
D0.5
D0.4
D0.3
D0.2
D0.1
D0.0
DP1L
0
D1.6
D1.5
D1.4
D1.3
D1.2
D1.1
D1.0
DP0FF
F0.7
F0.6
F0.5
F0.4
F0.3
F0.2
F0.1
F0.0
DP1FF
0
F1.6
F1.5
F1.4
F1.3
F1.2
F1.1
F1.0
ROM CODE
OPTION
Program/data
Any mix of instructions and data up to ROM size of
8 kbytes.
Port Output
P0.0 to P0.7
standard
open-drain
push-pull
P1.0 to P1.7
standard
open-drain
push-pull
SDA/P2.3
−
open-drain
−
DP0.0 to DP0.7
standard
open-drain
push-pull
DP1.0 to DP1.7
standard
open-drain
push-pull
Port State after reset
P0.0 to P0.7
set
reset
−
P1.0 to P1.7
set
reset
−
SDA/P2.3
set
−−
DP1.0 to DP1.7
set
reset
−
DP2.0 to DP2.2
set
reset
−
Oscillator
Transconductance
LOW (gmL)
MEDIUM (gmM)
HIGH (gmH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com