Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C85AP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF84C85AP
Description  Microcontroller with extended I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C85AP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF84C85AP Datasheet HTML 6Page - NXP Semiconductors PCF84C85AP Datasheet HTML 7Page - NXP Semiconductors PCF84C85AP Datasheet HTML 8Page - NXP Semiconductors PCF84C85AP Datasheet HTML 9Page - NXP Semiconductors PCF84C85AP Datasheet HTML 10Page - NXP Semiconductors PCF84C85AP Datasheet HTML 11Page - NXP Semiconductors PCF84C85AP Datasheet HTML 12Page - NXP Semiconductors PCF84C85AP Datasheet HTML 13Page - NXP Semiconductors PCF84C85AP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1996 Nov 21
10
Philips Semiconductors
Product specification
Microcontroller with extended I/O
PCF84C85A
Fig.7
Typical supply current in Idle mode (IDD(idle))
as a function of clock frequency (fxtal).
handbook, halfpage
1.5
0
0.5
1.0
0.1
MBB564 - 1
110
100
5 V
3 V
f xtal (MHz)
(mA)
IDD(idle)
Supply current based on optimal oscillator selection.
Fig.8
Typical supply current in Stop mode
(IDD(stp)) as a function of operating supply
voltage (VDD).
handbook, halfpage
1
3
2
1
0
357
MBC954
VDD (V)
IDD(stp)
(
µA)
25 C
o
85 C
o
Fig.9
Typical LOW level output sink current (IOL)
as a function of operating supply voltage
(VDD).
VO = 0.4 V.
1
16
12
8
4
357
MBB565
VDD (V)
IOL
(mA)
Fig.10 Typical LOW level output sink current for
SDA/P2.3 or SCLK (IOL2) as a function of
operating supply voltage (VDD).
handbook, halfpage
1
16
12
8
4
357
MLA598 - 1
VDD (V)
IOL2
(mA)
VO = 0.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com