Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531U/2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8531U/2
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531U/2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8531U/2 Datasheet HTML 35Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 36Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 37Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 38Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 39Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 40Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 41Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 42Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
2000 Feb 11
39
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
17 TRAY INFORMATION
handbook, full pagewidth
MGS488
D
C
A
x
y
F
E
B
Fig.30 Tray details.
The dimensions are given in Table 13.
Table 13 Dimensions
handbook, halfpage
MGS489
Fig.31 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of
the IC type name on the die surface with respect to the chamfer on
the upper left corner of the tray. Refer to the bonding pad location
diagram for the orientating and position of the type name on the die
surface.
DIM.
DESCRIPTION
VALUE
A
pocket pitch; x direction
13.72 mm
B
pocket pitch; y direction
4.17 mm
C
pocket width; x direction
12.34 mm
D
pocket width; y direction
2.05 mm
E
tray width; x direction
50.8 mm
F
tray width; y direction
50.8 mm
x
number of pockets in x direction
3
y
number of pockets in y direction
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com