Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531U/2 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8531U/2
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531U/2 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8531U/2 Datasheet HTML 34Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 35Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 36Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 37Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 38Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 39Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 40Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 41Page - NXP Semiconductors PCF8531U/2 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
2000 Feb 11
38
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
16 DEVICE PROTECTION DIAGRAM
For all diagrams: the maximum forward current is 5 mA and the maximum reverse voltage is 5 V.
handbook, full pagewidth
MGS485
VDD1
VDD1
VSS1
VSS2
VSS1
SCL, SDA, SDACK
VSS1
VLCDIN
VSS1
VSS1
VDD1
OSC, SA0, T3, T1, T4, RES, ENR
VSS1
VDD1
T2
PADS 43 to 49
PADS 35 to 42
PADS 57 to 63
VDD3
VSS1
PADS 32 to 34
VLCDOUT
VSS1
PADS 17 to 23
VLCDIN (SUPPLY),
VLCDSENSE
VSS1
PADS 16, 24 to 30
PADS 87 to 248
PADS 73, 74, 50, 51, 52
PADS 15, 54, 71, 72, 56, 31, 55
PAD 78
PADS 64 to 70
PADS 57 to 63
VDD2
VSS1
VSS2
Fig.29 Device protection diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com