Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 2000
Description  Military Ethernet to Serial, GPIO Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

2000 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  2000 Datasheet HTML 1Page - Enercon Technologies Europe AG 2000 Datasheet HTML 2Page - Enercon Technologies Europe AG 2000 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
July 24, 2023
|
Rev (A)
|
Doc: MILTECH 2000
|
Page 1 of 3
MILTECH
TM
2000
Military Ethernet to Serial, GPIO Unit
SPECIFICATIONS
Physical Ports
4 x RS422 or 4 x RS232 (including RTS, CTS)
2 x 10/100/1000 COPPER PORTS (option for fiber)
6 x Open / Ground GPO and 6 x GPI
2 x Open / Power GPO and 2 x GPI
1 x RS232 for Management Interface
Connectors
J1 Power : D38999/ 24WA35PN
J2 ETH : D38999/ 24WC35SN
J3 I/O : D38999/ 24WC35SA
J4 Serial : D38999/ 24WD35SN
PRODUCT DESCRIPTION
The MILTECH™ 2000 is a MIL-STD rugged, military grade
Ethernet to Serial Terminal Server. Developed for
portable military and harsh environment applications,
the MILTECH 2000 features mechanical packaging
enhancements designed for MIL-STD-810F airborne and
ground environmental compliance and high reliability.
The unit has been especially hardened to improve
ingress, impact, and shock/vibration protection, as well
as eliminate all moving parts through passive cooling.
Interface through sealed MIL-STD circular connectors,
with a 24VDC power makes it instantly compatible with
network device and power systems. Compact in size, the
MILTECH 2000 is particularly useful for expanding Serial
port density, GPIO, in space-constrained airborne and
ground vehicle environments while providing new
security layer for serial interfaces.
MILTECH 2000 serves as a robust commercial off the-shelf
(COTS) solution for rugged Serial, GPIO connectivity,
which can be used in a wide range of military and
commercial applications, including:
• UAVs
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modern platforms contain dozens of legacy serial devices
that must be interconnected to the new computerized
network. The MILTECH 2000 is an ideal solution for secure
mobile Serial-equipped platforms. With the best
combination of size, weight, power and cost (SWaP-C) in
the industry, it saves valuable real estate for computers,
sensors, targeting systems, and other devices that make
mobile platforms highly effective.


Similar Part No. - 2000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
2000 Electrician’s Duct Tape
logo
Heyco.
2000 HEYCO-2000 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM120 ETC1-EM120 Datasheet
216Kb / 7P
Ethernet-to-serial Module
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
NEPORT ETC2-NEPORT_1 Datasheet
1Mb / 77P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
logo
Red Lion Controls. Inc
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
Prolific Technology Inc...
PL2303TB PROLIFIC-PL2303TB Datasheet
107Kb / 1P
USB to Serial and GPIO Bridge Controller
logo
Advantech Co., Ltd.
MESR901 ADVANTECH-MESR901 Datasheet
1Mb / 2P
Industrial Modbus Ethernet to Serial Gateways
BB-MESR921-MT ADVANTECH-BB-MESR921-MT Datasheet
368Kb / 2P
Industrial Modbus Ethernet to Serial Gateway
MESR900 ADVANTECH-MESR900 Datasheet
447Kb / 2P
Industrial Modbus Ethernet to Serial Gateways
logo
Black Box Registered Tr...
ES-571 BLACKBOX-ES-571 Datasheet
1Mb / 6P
1xRS232/422/485 Isolated Industrial Ethernet to Serial Ethernet Switch
ES-842 BLACKBOX-ES-842 Datasheet
713Kb / 4P
ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS422/485
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com