Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 2000
Description  Military Ethernet to Serial, GPIO Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

2000 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  2000 Datasheet HTML 1Page - Enercon Technologies Europe AG 2000 Datasheet HTML 2Page - Enercon Technologies Europe AG 2000 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
July 24, 2023
|
Rev (A)
|
Doc: MILTECH 2000
|
Page 2 of 3
SPECIFICATIONS
Chassis
Low profile rugged machined aluminum
Conductively cooled
Ingress protection against sand, dust and moisture
Anodize Coating, MIL-A-8625, Type II, Class 2
Standards
MIL-STD-461E, MIL-STD-810F/G/GM, MIL-STD-1275, MIL-STD-704, IP67
LED Indication
Per port LED indications: RS232/422/485 - TX, RX, ETH, FIBER
Power
Power Input: 24VDC Nominal (12-48V), LED Indication
Power Consumption: 7W Max
Chassis grounding
MILSTD-1275, MILSTD-704
Electromagnetic
Exceed MIL-STD-461E Electromagnetic compatibility
Electromagnetic: CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
Environmental
MILSTD-810F/G/GM:
• Random vibration (514.5I), Bench Handling (516.6VI)
• Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I)
• High Temp.(501.5I,II), Low Temp.(502.5I), Humidity (507.5II),
• Salt Atmosphere (509.5I), Blowing Dust (510.5I), Loose Cargo Vibration (514.6II)
• Wind Analysis
• IP67
Physical
Dimensions: 245.4mm(L) x 159.3mm(W) x 75.2mm(H), not including connectors
Dimensions: 9.66’’(L) x 6.27”(W) x 2.96’’(H), not including connectors
Weight: 390g
Cooling
No Moving Parts. Passive Cooling.
Temperature
Operational: -40ºC to +85ºC (-40ºF to +185ºF) Cold Start
Storage: -45ºC to +85ºC (-49ºF to +185ºF)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com