Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

708 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 708
Description  Compact, Portable IP67 Military Fast Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

708 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  708 Datasheet HTML 1Page - Enercon Technologies Europe AG 708 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
Driven by rapid advancement and lower costs, Ethernet
is becoming the standard for IP-based components in
a wide range of military and commercial land, sea, and
air applications. When building communications where
data prioritization is not a concern and the amount of
traffic is low, unmanaged, Fast Ethernet switches can
be an ideal solution.
The MILTECH708’s small size, IP67 rugged construction,
and Fast Ethernet make it the ideal switching solution
for command post, ground mobile and airborne
applications. Its eight 10/100Mbps ports are plug-n-
play compatible with all Ethernet equipment, providing
network connectivity for most portable Ethernet devices,
including:
• Rugged computers
• Navigation devices
SPECIFICATIONS
•
8 x switched 10/100 (Fast Ethernet) ports
ETHERNET PORTS:
•
Full wire-speed forwarding rate
•
Store-and-forward mechanism
•
Auto MDI-II, MDI-X
•
Auto-Negotiation Protocol
•
Address Look-Up
NETWORKING:
•
Power Connector: D38999/24WA98PA
•
LAN Connector: D38999/24WA35SN
•
No led Indication Per Port (Link/Activity)
•
Power Indication only
CONNECTORS:
•
Low profile rugged aluminum extrusion
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS:
•
MILSTD-1275 | MILSTD-704A | MILSTD-461E |
MILSTD-810F GM | IP67
STANDARDS:
MILTECH™ 708
Compact, Portable IP67 Military Fast Ethernet Switch
PRODUCT DESCRIPTION
• Voice and video communication systems
• IP-based sensors
• Battlefield communication C4ISR
• Combat vehicles, avionic and shipboard systems
The MILTECH 708 operates on readily available 24VDC
power and supports MIL-STD1275 so that it may be
powered directly from any available battery in the field.
The MILTECH’s mechanical packaging enhancements,
including ruggedized D38999 circular connectors, is
designed for MIL-STD-810F airborne and ground
environmental compliance and high reliability. Leveraging
best-in-class switching technology, the MILTECH708
serves as a robust commercial off-the-shelf (COTS)
solution for rugged LAN connectivity.


Similar Part No. - 708

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
logo
Curtis Instruments, Inc...
708 CURTIS-708 Datasheet
672Kb / 6P
SOLID STATE DIGITAL METER MODULES
REV E 4 /04
logo
Keystone Electronics Co...
708 KEYSTONE-708 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
Walther-Werke
708 WALTHER-708 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Apex Electronics Co., L...
708-1 APEX-ELECTRONICS-708-1 Datasheet
506Kb / 3P
Toggle switches
More results

Similar Description - 708

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
Red Lion Controls. Inc
SLX-16MS-1 REDLION-SLX-16MS-1 Datasheet
394Kb / 3P
Managed Fast Ethernet Switch
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
EB-GT-8ES1EP REDLION-EB-GT-8ES1EP Datasheet
489Kb / 2P
8 Port IP67 Unmanaged Industrial Ethernet Switch
108M12-HV REDLION-108M12-HV Datasheet
887Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
108M12 REDLION-108M12 Datasheet
798Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
105M12 REDLION-105M12 Datasheet
886Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2528I-M12 ADVANTECH-EKI-2528I-M12 Datasheet
300Kb / 2P
8 port M12 Unmanaged Industrial Ethernet Switch, IP67
10-Apr-2019
logo
Molex Electronics Ltd.
987651-8091 MOLEX-987651-8091 Datasheet
573Kb / 2P
HarshIO IP67 Compact Modules for EtherNet/IP
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com