Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

718 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 718
Description  Ultra Compact 8 x 1GbE Embedded Military Board Level Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

718 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  718 Datasheet HTML 1Page - Enercon Technologies Europe AG 718 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. B
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
STACKABLE MULTI-PORT MODULAR JACK
8 POS. 8 CONTACTS
RJSAE-5381-08
Terminal Block Headr 5.08mm 2Ways
PN.- 1757242
PHOENIK CONTACT
(x7) 3.2
3.2 1.8
(x7) 7.0
0
(x3) 5.5
(x2) 36.5
(x2) 60.0
(x2) 68.5
72.0 -
0.0
0.2
21.0
66.5
0
38.5
33.5
HIGH SPEED GROUND PLANE SOCKET
QSE-040-01-L-D-A SAMTEC
COMPONENTS MAX HEIGHT
LIMITED TO 5.2mm
COMPONENTS MAX HEIGHT
LIMITED TO 1.4mm
COMPONENTS MAX HEIGHT
LIMITED TO 25.4mm
1.9
NOTES:
1. APPLY MINIMUM OF 0.5-mm OFFSET INSIDE CONTOUR, COMPONENTS AND CONDUCTORS
FORBIDDEN IN ALL LAYERS.
2. UNLESS OTHERWISE STATED, ALL HOLES ARE PLATED.
3. COMPONENTS FORBIDDEN ON PS.
4. COMPONENTS AND CONDUCTORES ARE FORBIDDEN IN ALL LAYERS.
5. UNLESS OTHERWISE SPECIFIED, COMPONENTS HEIGHT LIMITED TO 1.4, 5.2, 25.4mm ON CS.
6. UNLESS OTHERWISE SPECIFIED, COMPONENTS HEIGHT LIMITED TO 3.8mm ON PS.
7. TRACES & SOLDER LEGS ALLOWED ON PS, SOLDER LEGS HEIGHT LIMITED TO 1.0mm.
8. SILK SCREEN BAR CODE (51X8 MM) SHALL BE PLACED ANYWHERE ON CS.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
RTP
03/09/2019
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
ICE 718
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
evb-board-718
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: M:\PROJECTS SW\ICE718\MODEL\EVB-718-000
9/3/2019
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 9/8/2019
PRINTED ON: 9/8/2019
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
MAIN BOARD FOR EVB 718.
evb-board-718
9/3/2019
9/3/2019
9/3/2019
SPECIFICATIONS
•
Voltage Input: 9-32Vdc Nominal
•
Power Consumption: 5W Typical
•
Chassis grounding
POWER:
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102 | CS-114 | CS-115 | CS-116 | RE-102 | RS-103
*When installed in an appropriate chassis
ELECTROMAGNETIC:
•
MILSTD-810F/G
•
Random vibration (514.5I) | Bench Handling (516.6VI) | High Temp.(501.5I,II) | Low Temp.(502.5I) | Humidity (507.5II)
| Air Pressure (500.5I,II) | Blowing Rain (506.5I) | Immersion (512.5I) | Salt Atmosphere (509.5I) | Blowing Dust
(510.5I) | Loose Cargo Vibration (514.6II) | Wind Analysis
•
IP68
*When installed in an appropriate chassis
ENVIRONMENTAL:
•
Dimensions: 70mm (L) x 40mm(W)
•
Dimensions: 2.75”(L) x 1.57”(W)
PHYSICAL:
•
4 x mounting holes for board to board mounting
INSTALLATION:
•
No Moving Parts. Passive Cooling
COOLING:
•
-40ºC to +85ºC (-40ºF to +185ºF) - Cold Start-Up
OPERATING TEMP:
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
Ultra Compact 1G Embedded Military Board Level Ethernet Switch, 8 x 10/100/1000TX, ESoB
1-718-000
•
Evaluation board for MILTECH718
1-718EV-000
•
Evaluation board MILTECH718 with conformal coating
1-718EV-001
A
B
C
MILTECH™ 718
Ultra Compact 1G Embedded Military Board Level Ethernet Switch
STACKABLE MULTI-PORT MODULAR JACK
8 POS. 8 CONTACTS
RJSAE-5381-08
Terminal Block Headr 5.08mm 2Ways
PN.- 1757242
PHOENIK CONTACT
(x7) 3.2
3.2 1.8
(x7) 7.0
0
(x3) 5.5
(x2) 36.5
(x2) 60.0
(x2) 68.5
72.0 -
0.0
0.2
21.0
66.5
0
38.5
33.5
HIGH SPEED GROUND PLANE SOCKET
QSE-040-01-L-D-A SAMTEC
COMPONENTS MAX HEIGHT
LIMITED TO 5.2mm
COMPONENTS MAX HEIGHT
LIMITED TO 1.4mm
COMPONENTS MAX HEIGHT
LIMITED TO 25.4mm
1.9
NOTES:
1. APPLY MINIMUM OF 0.5-mm OFFSET INSIDE CONTOUR, COMPONENTS AND CONDUCTORS
FORBIDDEN IN ALL LAYERS.
2. UNLESS OTHERWISE STATED, ALL HOLES ARE PLATED.
3. COMPONENTS FORBIDDEN ON PS.
4. COMPONENTS AND CONDUCTORES ARE FORBIDDEN IN ALL LAYERS.
5. UNLESS OTHERWISE SPECIFIED, COMPONENTS HEIGHT LIMITED TO 1.4, 5.2, 25.4mm ON CS.
6. UNLESS OTHERWISE SPECIFIED, COMPONENTS HEIGHT LIMITED TO 3.8mm ON PS.
7. TRACES & SOLDER LEGS ALLOWED ON PS, SOLDER LEGS HEIGHT LIMITED TO 1.0mm.
8. SILK SCREEN BAR CODE (51X8 MM) SHALL BE PLACED ANYWHERE ON CS.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
RTP
03/09/2019
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
ICE 718
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
evb-board-718
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: M:\PROJECTS SW\ICE718\MODEL\EVB-718-000
9/3/2019
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 9/8/2019
PRINTED ON: 9/8/2019
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
MAIN BOARD FOR EVB 718.
evb-board-718
9/3/2019
9/3/2019
9/3/2019
(x4) 3.2
3.2 1.5
(x4) 7.0
0
(x2) 4.5
(x2) 35.5
40.0 -
0.0
0.1
20.0
QTE-040-02-L-D-A
1.6
NOTES:
1. APPLY MINIMUM OF 0.5-mm OFFSET INSIDE CONTOUR, COMPONENTS AND CONDUCTORS
FORBIDDEN IN ALL LAYERS.
2. UNLESS OTHERWISE STATED, ALL HOLES ARE PLATED.
3. COMPONENTS FORBIDDEN ON PS.
4. COMPONENTS AND CONDUCTORES ARE FORBIDDEN IN ALL LAYERS.
5. UNLESS OTHERWISE SPECIFIED, COMPONENTS HEIGHT LIMITED TO 8.0mm ON CS.
6. UNLESS OTHERWISE SPECIFIED, COMPONENTS HEIGHT LIMITED TO 11.2mm ON PS.
7. TRACES & SOLDER LEGS ALLOWED ON PS, SOLDER LEGS HEIGHT LIMITED TO 1.0mm.
8. SILK SCREEN BAR CODE (51X8 MM) SHALL BE PLACED ANYWHERE ON CS.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
RTP
20/08/2019
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 718
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:1
DWG NO.
TITLE:
DWG REV.
main-board-718
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: M:\PROJECTS SW\718\MODEL\main-board-miltech-718
8/20/2019
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 9/9/2019
PRINTED ON: 9/9/2019
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
MAIN BOARD FOR MILTECH 718
main-board-718
8/20/2019
8/20/2019
8/20/2019



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com