Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

718 Datasheet (PDF) - Enercon Technologies Europe AG

718 Datasheet PDF - Enercon Technologies Europe AG
Part # 718
Download  718 Download
File Size   692.35 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Ultra Compact 8 x 1GbE Embedded Military Board Level Ethernet Switch

718 Datasheet (PDF)

Go To PDF Page Download Datasheet
718 Datasheet PDF - Enercon Technologies Europe AG

Part # 718
Download  718 Click to download

File Size   692.35 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Ultra Compact 8 x 1GbE Embedded Military Board Level Ethernet Switch

718 Datasheet (HTML) - Enercon Technologies Europe AG


718 Product details

PRODUCT DESCRIPTION
One of the most exciting advancement in technology
over the last decade has been unmanned vehicles
i n cluding:
• Unmanned aerial vehicles (UAVs) or Drones
• Land autonomous vehicles (UGVs)
• Robots
• Other unmanned support vehicles
These vehicles must be agile, compact and highly
intelligent. In order to support this sophisticated
intelligence, these platforms may have to carry and
connect a variety of Ethernet-based devices including
computers, sensors, and targeting systems - all in
compact platforms that must operate in extreme
e nvironmental conditions.
The MILTECH718 is a rugged, cost-effective, ultracompact
board-level Ethernet switching solution
(70x40mm). Equipped with 8GbE 10/100/1000Mbps
ports, this board - level switch is ideal for integrating
system level solutions through board-to-board
c onnectors.
The MILTECH718 consumes only 5W of power and
uses 9-32VDC. Its ruggedized design feature mechanical
packaging enhancements designed for MILSTD-461E,
MILSTD-810F/G and IP68 compliance when installed
in an appropriate enclosure.




Similar Part No. - 718

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
718 GILWAY-718 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
JMK Inc.
718 JMK-718 Datasheet
38Kb / 1P
The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
718 ETC2-718 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Greenlee Communications
718 GREENLEE-718 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
3M Electronics
718 3M-718 Datasheet
14Kb / 1P
3M™ 718 Static Sensor Physical Properties
More results


Similar Description - 718

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
logo
Advantech Co., Ltd.
ARK-1360 ADVANTECH-ARK-1360_11 Datasheet
2Mb / 2P
Fanless, ultra compact embedded box IPC
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
Ultra Compact Industrial Ethernet Switches
logo
Red Lion Controls. Inc
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
ORing Industrial Networ...
TES-180-M12 ORING-TES-180-M12 Datasheet
414Kb / 4P
Compact Size 8-port unmanaged Ethernet switch
logo
Advantech Co., Ltd.
VESP211 ADVANTECH-VESP211 Datasheet
549Kb / 2P
Ultra Compact Ethernet Serial Servers
BB-VESR901 ADVANTECH-BB-VESR901 Datasheet
442Kb / 2P
Ultra Compact Ethernet Serial Servers
NMC-0804 ADVANTECH-NMC-0804 Datasheet
617Kb / 1P
8 Ports 1GbE Fiber Module
24-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com