Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9012 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 9012
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9012 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  9012 Datasheet HTML 1Page - Enercon Technologies Europe AG 9012 Datasheet HTML 2Page - Enercon Technologies Europe AG 9012 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
SPECIFICATIONS
•
96.8 Mpps wire speed forwarding rate
•
56 Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE:
•
Exceed MIL-STD-1275B and MIL-STD-704A Surge and Spike protection
•
Voltage Input: 24Vdc Nominal (18-70V)
•
Power Consumption: 13W Typical
•
Chassis grounding
POWER:
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC:
•
MIL-STD-810F; 501.4I | 501.4II | 502.4I | 502.4II | 507.4 | 500.4II | 514 | 516I | 516VI | 514.5 | 512.4
SHOCK/VIBRATION/HUMIDITY:
•
Dimensions: 166.4mm (L) x 144mm (W) x 56mm(H) including connectors
•
Dimensions: 6.55” (L) x 5.67” (W) x 2.20” (H) including connectors
•
Weight: 1.1Kg
PHYSICAL:
•
Four 4.5mm mounting holes on bottom for mounting to any flat surface.
INSTALLATION:
•
No Moving Parts. Passive Cooling.
COOLING:
•
-45ºC to +85ºC (-49ºF to +185ºF) Cold Start-Up
OPERATING TEMP:
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
* Currently not supported – software upgrade option.
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
Managed Military Grade Gigabit Switch, 12 x 10/100/1000TX
1-9012-000
•
Managed Military Grade Gigabit Switch, 12 x 10/100/1000TX, With black zinc nickel plating Connectors
1-9012-002
•
Starter Cable set for MILTECH9012, SCE2 to RJ-45 Connectors, 5 feet length
2-CBL9012PWR
•
LAN Harness for MILTECH9028/9012
2-CBL9028LAN
•
LAN and management Harness for MILTECH9028/9012
2-CBL9028LN+
MILTECH™ 9012
Compact, Portable Military Managed Gigabit Ethernet Switch
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
DRAWN
DATE
OF
/
PATH:
MATERIAL:
CHECKED
APPROVED
DESIGNED
DWG TITLE
DWG No.
SCALE
SIZE
SHEET
THIS DOCUMENT SHALL NOT BE REPRODUCED,
NOR SHALL THE INFORMATION CONTAINED
HEREIN BE USED BY OR DISCLOSED TO OTHERS
EXCEPT AS EXPRESSLY AUTHORIZED IN WRITING
BY TECHAYA LTD.
UNSPECIFIED TOLERANCES:
- LINEAR DIMENSIONS PER ISO 2768-1(DIN
7168), GRADE
-HOLES & OPENINGS DIMENSIONS: H
-SHAFTS & EXTERNAL DIMENSIONS: h
-ANGULAR DIMENSIONS: • 0.5•
UNSPECIFIED GEOMETRICAL
TOLERANCES PER ISO 2768-2(DIN 7168),
GRADE:
FINISH:
SURFACE
ROUGHNESS:
NAME
NOMINAL DIMENSIONS AND GEOMETRY ARE ACCORDING TO STEP FILE:
Tel: +972-4-6377741
P.O.B. 1500 Pardes Hanna, 37100, Israel
REMOVE BURRS & SHARP EDGES 0.3X45•
PROJECT NAME:
Fax:+972-4-6377761
ALL DIMENSIONS ARE IN MM.
DON'T SCALE DRAWING.
CHANGES MUST BE MADE
ON MODEL FILE.
WEIGHT:
REV.
MT9012 ICD
90120000ICD
1
1
D:\Works\TECHAYA MT 9012\MT 9012 ICD.idw
04/07/2012
L.V.
A2
MT9012
2
Techaya Ltd
REVISION HISTORY
ZONE
REV
DESCRIPTION
DATE
APPROVED
1
1
RELEASE
7/30/2012
max
2
COG ADDED
21.01.2013
GD
166.4
24.7
39.0
117.0
24.5
#8-32NC
CROUNDING SCREW
INDICATORS
PANEL
SEALING TEST
HOLE. SEALED WITH M5
SEAL SCREW.
NAME PLATE
#8-32NC GROUNDING
SCREW.
SCE2-x-76A07-10ASX-002
AMPHENOL CONNECTOR
SCE2-76A07-14S
5.2
156.0
•
4.3
(X4)
85.0
54
NOTES:
1. MATERIALS: BODY AL. ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-250/B.
ALL FASTENERS -STAINLESS STEEL AISI 300 SERIES.
2. FINISH: CHEMICAL CONVERSION FILM PER MIL-DTL-5541F, TYPE I, CL.1A. (goldy)
PAINTING:
- ONE LAYER OF PRIMERY
COAT STRONCIUM CHROMATE PER MIL-P-23377, THICKNESS 15-20 mkm.
- TOP COAT POLYURETHANE CARC PER HENTZEN SPEC 15801GPA-2/03059CMU.
COLOR NATO GREEN, TWO COATS 40-50 MICRONS THICK.
3. WEIGHT: 1.5 Kg.
81.0
81.0
COG
COG
2
2
144.0
96.0
26.0
60.0
103.2
24.5
20.0
20.0
41.2
55.9
33.3
35
25.8
70.0
20.0
A
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com