Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9012 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 9012
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9012 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  9012 Datasheet HTML 1Page - Enercon Technologies Europe AG 9012 Datasheet HTML 2Page - Enercon Technologies Europe AG 9012 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
Driven by rapid advancement and lower costs, Ethernet
is becoming the standard for IP-based components in
a wide range of military and commercial applications,
including:
•
Battle management systems (BMSs)
•
UAVs
•
Land autonomous vehicles (UGVs)
•
Robots
•
Mobile equipment fielded in harsh environments
Modern platforms contain dozens of network devices
that must be interconnected. The MILTECH9012 is an
ideal solution for mobile Ethernet-equipped platforms.
With the best combination of size, weight, power and
cost (SWaP-C) in the industry, it saves valuable real
estate for computers, sensors, targeting systems,
and other devices that make mobile platforms highly
effective.
The MILTECH9012 is a MIL-STD, fully managed
military grade network switch offering 12 triple-
MILTECH™ 9012
Compact, Portable Military Managed Gigabit Ethernet Switch
FEATURES DESCRIPTION
speed (10/100/1000Mbps) ports. It can be remotely
managed to optimize communications and prioritize
critical information traffic. Advanced network features,
never before found in a package of this size, include
switching protocols, virtual LANS (VLANS), traffic
prioritization (QoS), and bandwidth aggregation are
standard.
The MILTECH9012’s gigabit speeds and 24VDC power
make it instantly compatible with any network device
and power systems.
The MILTECH9012 is widely used in battlefield
communicationsC4ISR,video,sensordataacquisition and
transmission. Its mechanical packaging enhancements,
including sealed SCE2 circular connectors, is designed
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-
class switching technology, the MILTECH912 serves
as a robust commercial off-the-shelf (COTS) solution
for rugged LAN connectivity.
SPECIFICATIONS
•
Router / switch Layer 3 managed 12X10/100/1000 TX Ports.
ETHERNET PORTS:
•
Wire-speed hardware-based 12 ports gigabit Ethernet
switch – L2, L3, L4 Capabilities
•
L3-Routing capabilities:static,RIPV1,V2,OSPF V2/V3 Multicast
Routing, BGP4*,VRRP,ECMP Routing
•
Multicasting (IGMP Snooping), GARP, GMRP, MLD and
GVRP up to 8K groups for both IPv4 and IPv6
•
Broadcasting and flooding Control up to 8K Groups
•
802.1q Tagged based VLAN up to 4K VLAN groups
•
Bridge Support for VLAN Q-in-Q , manual tunneling
•
Link Aggregation 802.3ad, up to 16 members in group
•
Link Aggregation mechanism based on L2/ L3/
L4 parameters
•
Jumbo Frame support up to 10K
•
WEB, CLI, Telnet , SNMP V2/V3 management
NETWORKING:


Similar Part No. - 9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9012 ETC1-9012 Datasheet
178Kb / 3P
NAND GATES/HEX INVERTERS
logo
RHOPOINT COMPONENTS
9012 RHOPOINT-9012 Datasheet
90Kb / 2P
Miniature SIP Relays
logo
Daya Electric Group Co....
9012 DAYA-9012 Datasheet
2Mb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Coto Technology
9012 COTO-9012 Datasheet
279Kb / 2P
9011, 9012 9117 Miniature SIP Relays
logo
Foshan Blue Rocket Elec...
9012 FOSHAN-9012 Datasheet
1Mb / 6P
Silicon PNP transistor
Rev.E Mar.-2016
More results

Similar Description - 9012

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
Network switch, managed, Gigabit Ethernet
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
2682360000 WEIDMULLER-2682360000 Datasheet
157Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com