Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-CBL9012CPWR Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 2-CBL9012CPWR
Description  Compact, Military-Grade, Managed 12-Port Gigabit Ethernet Router / Switch With Cisco® IOS® - XE 8000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

2-CBL9012CPWR Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  2-CBL9012CPWR Datasheet HTML 1Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 2Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 3Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 4Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Networking
Products
SPECIFICATIONS
CISCO NETWORKING:
General
• Routing Information Protocol (RIP) Versions 1 and Open Shortest Path First (OSPF)
• Enhanced Interior Gateway Routing Protocol (EIG Border Gateway Protocol (BGP)
• Cisco Discovery Protocol IP Policy Routing
• IP Multicast Protocol Independent Multicast (PIM) Versions 1 and 2 Internet Group
Management Protocol (IGMP) Versions 1, 2, and 3 IP Multicast Load Splitting
• Cisco Group Management Protocol (GMP) Up to 32 VLANs supported per router
• IPv4 support:
- IPv6 routing and Cisco Express Forwarding switching
IPv6 QoS
IPv6 tunneling support
Cisco IOS Zone-Based Firewall for IPv6 traffic
- Encapsulations
Point-to-Point Protocol (PPP)
PPP over Ethernet (PPPoE) client and server for Fast Ethernet
802.1q VLAN trunking support
Generic routing encapsulation (GRE)
CISCO NETWORKING:
General
• Radio-Aware Routing
- Optimizes IP routing over fixed or temporary radio networks
- Factors radio link metrics into route calculations
- Immediately recognizes and adapts to changes in network neighbor status
- Supports Dynamic Link Exchange Protocol (DLEP)
- Supports Router Radio Control Protocol (R2CP)
- Supports RFC 5578 (authored by Cisco)
• Mobile Ad-Hoc Networks
- OSPFv3 enhancements for mobile ad-hoc networks
CISCO NETWORKING:
Quality of Service
• QoS
• Generic traffic shaping
• Class-based Ethernet matching and mobile access routing
(802.1p class of service [CoS])
• Committed access rate
• Flow-based Weighted Random Early Detection (WRED)
• Class-Based Weighted Fair Queuing (CBWFQ)
• Low Latency Queuing (LLQ)
• Priority Queuing
• Weighted Fair Queuing (WFQ)
• Traffic Policing Resource Reservation Protocol (RSVP)
NETWORKING:
Security
• Authentication
- Route and router authentication
- Password Authentication Protocol (PAP)
- Challenge Handshake Authentication Protocol (CHAP)
- Microsoft CHAP (MS-CHAP) local password
- IP basic and extended access lists
- Time-based access control lists (ACLs)
• Secure Connectivity Secure collaborative communications with Group Encrypted Transport
VPN, Dynamic Multipoint VPN (DMVPN), or Enhanced Easy VPN
• Integrated Threat Control Responds to sophisticated network attacks and threats using
Cisco IOS Intrusion Prevention System (IPS), Cisco IOS Firewall, Cisco IOS Zone-Based
Firewall, Cisco IOS Content Filtering, and Flexible Packet Matching (FPM)
• Identity Management Intelligently protecting endpoints using technologies such as AAA
and public key infrastructure (PKI)
• Security Protocols
- IPsec
- SSL/TLS
- 3DES
- AES
- IKE
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
122024



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com