Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-CBL9012CPWR Datasheet(PDF) 4 Page - Enercon Technologies Europe AG

Part # 2-CBL9012CPWR
Description  Compact, Military-Grade, Managed 12-Port Gigabit Ethernet Router / Switch With Cisco® IOS® - XE 8000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

2-CBL9012CPWR Datasheet(HTML) 4 Page - Enercon Technologies Europe AG

  2-CBL9012CPWR Datasheet HTML 1Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 2Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 3Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 4Page - Enercon Technologies Europe AG 2-CBL9012CPWR Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Networking
Products
SPECIFICATIONS
CONNECTORS:
• 1 x Power Connector Type: Amphenol – SCE2-B-76A07-10ASN
• 12 x LAN Connector Type: Amphenol – SCE2-B-76A07-14SN
• LED Indication Per Port (Speed, Link/Activity)
Per Unit (Power)
CHASSIS:
• Rugged machined aluminum
• Conductively cooled w/custom internal heat-sinks
• Ingress protection against sand, dust and moisture
• Anodize Coating, MIL-A-8625, Type II, Class 2
STANDARDS:
• MIL-STD-1275B, MIL-STD-704A, MIL-STD-461E, MIL-STD-810F, IP68
PERFORMANCE:
• 96.8 Mpps wire speed forwarding rate for switching
• 56 Gbps maximum forwarding bandwidth for switching
• 10/25/50Mbps for Cisco IOS routing – Based on Cisco 5921 Router
• 8K MAC Address
POWER:
• Exceed MIL-STD-1275B and MIL-STD-704A Surge and Spike protection
• Voltage Input: 24Vdc Nominal (18-36V)
• Power Consumption: 25W Typical
• Chassis grounding
ELECTROMAGNETIC:
• MIL-STD-461E Electromagnetic compatibility
• CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
SHOCK/ VIBRATION/ HUMIDITY:
• MIL-STD-810F; 501.4I, 501.4II, 502.4I, 502.4II, 507.4, 500.4II, 514, 516I, 516VI, 514.5, 512.4
PHYSICAL:
• Dimensions: 166mm (L) x 144mm (W) x68(H), including connectors & hardware
• Dimensions: 6.53”(L) x 5.67”(W) x 2.67”(H), including connectors & hardware
• Weight: 1.1Kg
INSTALLATION:
• Four 4.5mm mounting holes on bottom for mounting to any flat surface.
COOLING:
• No Moving Parts. Passive Cooling.
OPERATING TEMP:
• -45ºC to +85ºC (-49ºF to +185ºF) Cold Start-Up
STORAGE TEMP:
• -45ºC to +85ºC (-49ºF to +185ºF)
54
85.0
5.2
156.0
#8-32NC
ROUNDING SCREW
24.5
24.7
39.0
INDICATORS
PANEL
4.3
(X4)
117.0
166.4
A
B
+49 170 7741070
+49 170 7741070
+49 170 7741070
+49 170 7741070
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
122024



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com