Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8563T
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8563T Datasheet HTML 2Page - NXP Semiconductors PCF8563T Datasheet HTML 3Page - NXP Semiconductors PCF8563T Datasheet HTML 4Page - NXP Semiconductors PCF8563T Datasheet HTML 5Page - NXP Semiconductors PCF8563T Datasheet HTML 6Page - NXP Semiconductors PCF8563T Datasheet HTML 7Page - NXP Semiconductors PCF8563T Datasheet HTML 8Page - NXP Semiconductors PCF8563T Datasheet HTML 9Page - NXP Semiconductors PCF8563T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
6 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
[1]
Not coded in BCD.
8.6.1
Control/Status 1 register
Table 5:
BCD formatted registers overview
Bit positions labelled as ‘
−’are not implemented.
Address Register name BCD format tens nibble
BCD format units nibble
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
23
22
21
20
23
22
21
20
02H
Seconds
VL
<seconds 00 to 59 coded in BCD>
03H
Minutes
<minutes 00 to 59 coded in BCD>
04H
Hours
−−
<hours 00 to 23 coded in BCD>
05H
Days
−−
<days 01 to 31 coded in BCD>
06H
Weekdays
−−−−−
<weekdays 0 to 6 > [1]
07H
Months/Century
C
−−
<months 01 to 12 coded in BCD>
08H
Years
<years 00 to 99 coded in BCD>
09H
Minute alarm
AE
<minute alarm 00 to 59 coded in BCD>
0AH
Hour alarm
AE
<hour alarm 00 to 23 coded in BCD>
0BH
Day alarm
AE
<day alarm 01 to 31 coded in BCD>
0CH
Weekday alarm
AE
−−−−
<weekday alarm 0 to 6 > [1]
Table 6:
Control/Status 1 register bits description (address 00H)
Bit
Symbol Description
7
TEST1
TEST1 = 0; normal mode.
TEST1 = 1; EXT_CLK test mode; see Section 8.7.
5
STOP
STOP = 0; RTC source clock runs.
STOP = 1; all RTC divider chain flip-flops are asynchronously set
to logic 0; the RTC clock is stopped (CLKOUT at 32.768 kHz is still
available).
3
TESTC
TESTC = 0; power-on reset override facility is disabled (set to logic 0
for normal operation).
TESTC = 1; power-on reset override is enabled.
6, 4, 2 to 0 0
By default set to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com