Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8563T
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8563T Datasheet HTML 17Page - NXP Semiconductors PCF8563T Datasheet HTML 18Page - NXP Semiconductors PCF8563T Datasheet HTML 19Page - NXP Semiconductors PCF8563T Datasheet HTML 20Page - NXP Semiconductors PCF8563T Datasheet HTML 21Page - NXP Semiconductors PCF8563T Datasheet HTML 22Page - NXP Semiconductors PCF8563T Datasheet HTML 23Page - NXP Semiconductors PCF8563T Datasheet HTML 24Page - NXP Semiconductors PCF8563T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
21 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
12. Application information
12.1 Quartz crystal frequency adjustment
Method 1: Fixed OSCI capacitor — By evaluating the average capacitance
necessary for the application layout a fixed capacitor can be used. The frequency is
best measured via the 32.768 kHz signal available after power-on at the CLKOUT
pin. The frequency tolerance depends on the quartz crystal tolerance, the capacitor
tolerance and the device-to-device tolerance (on average
±5 × 10−6).
Average deviations of
±5 minutes per year can be easily achieved.
Method 2: OSCI trimmer — The oscillator is tuned to the required accuracy by
adjusting a trimmer capacitor on pin OSCI and measuring the 32.768 kHz signal
available after power-on at the CLKOUT pin.
Method 3: OSCO output — Direct output measurement on pin OSCO (accounting
for test probe capacitance).
Fig 19. Application diagram.
handbook, full pagewidth
MGM665
SCL
SDA
VSS
OSCI
OSCO
CLOCK CALENDAR
PCF8563
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
VDD
VDD
SDA
SCL
RR
VDD
(I2C-bus)
R: pull-up resistor
R =
1 F
tr
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com