Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8573P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8573P
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8573P Datasheet HTML 5Page - NXP Semiconductors PCF8573P Datasheet HTML 6Page - NXP Semiconductors PCF8573P Datasheet HTML 7Page - NXP Semiconductors PCF8573P Datasheet HTML 8Page - NXP Semiconductors PCF8573P Datasheet HTML 9Page - NXP Semiconductors PCF8573P Datasheet HTML 10Page - NXP Semiconductors PCF8573P Datasheet HTML 11Page - NXP Semiconductors PCF8573P Datasheet HTML 12Page - NXP Semiconductors PCF8573P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1997 Mar 28
9
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
9I2C-BUS PROTOCOL
9.1
Addressing
Before any data is transmitted on the I2C-bus, the device which should respond is addressed first. The addressing is
always done with the first byte transmitted after the start procedure.
The clock/calendar acts as a slave receiver or slave transmitter. Therefore the clock signal SCL is only an input signal,
but the data signal SDA is a bidirectional line.
The clock/calendar slave address is shown in Fig.7. Bits A0 and A1 correspond to the two hardware address pins A0 and
A1. Connecting these to VDD or VSS allows the device to have 1 of 4 different addresses.
9.2
Clock/calendar READ/WRITE cycles
The I2C-bus configuration for different clock/calendar READ and WRITE cycles is shown in Figs 8, 9 and 10.
The write cycle is used to set the time counter, the alarm register and the flags. The transmission of the clock/calendar
address is followed by the MODE-POINTER-word which contains a CONTROL-nibble (Table 3) and an
ADDRESS-nibble (Table 4). The ADDRESS-nibble is valid only if the preceding CONTROL-nibble is set to EXECUTE
ADDRESS. The third transmitted word contains the data to be written into the time counter or alarm register.
Fig.7 Slave address.
Fig.8 Master transmitter transmits to clock/calendar slave receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com