Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8573P Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8573P
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573P Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8573P Datasheet HTML 10Page - NXP Semiconductors PCF8573P Datasheet HTML 11Page - NXP Semiconductors PCF8573P Datasheet HTML 12Page - NXP Semiconductors PCF8573P Datasheet HTML 13Page - NXP Semiconductors PCF8573P Datasheet HTML 14Page - NXP Semiconductors PCF8573P Datasheet HTML 15Page - NXP Semiconductors PCF8573P Datasheet HTML 16Page - NXP Semiconductors PCF8573P Datasheet HTML 17Page - NXP Semiconductors PCF8573P Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1997 Mar 28
14
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
12 DC CHARACTERISTICS
VSS2 =0V; Tamb = −40 to + 85 °C unless otherwise specified. Typical values at Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNI
T
Supply
VDD − VSS2 supply voltage (I2C interface)
2.5
5.0
6.0
V
VDD − VSS1 supply voltage (clock)
tHD; DAT ≥ 300 ns
1.1
1.5
VDD − VSS2
V
ISS1
supply current
at VSS1 (pin 15)
see Fig.11
VDD − VSS1 = 1.5 V
−−3
−10
µA
VDD − VSS1 =5V
−−12
−50
µA
ISS2
supply current
at VSS2 (pin 8)
VDD − VSS2 =5V;
IO = 0 all outputs
−−
−50
µA
Input SCL, input/output SDA
VIL
LOW level input voltage
−−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−−
V
ILI
input leakage current
VI =VSS2 or VDD
−1
−
+1
µA
Ci
input capacitance
−−
7pF
Inputs A0, A1, TEST
VIL
LOW level input voltage
−−
0.2VDD
V
VIH
HIGH level input voltage
0.7VDD
−−
V
ILI
input leakage current
VI =VSS2 or VDD
−250
−
+250
nA
Inputs EXTPF, PFIN
VIL
LOW level input voltage
0
−
0.2VDD − VSS1 V
VIH
HIGH level input voltage
0.7VDD − VSS1 −−
V
ILI
input leakage current
VI =VSS1 to VDD
−1.0
−
+1.0
µA
VI =VSS1 to VDD;
Tamb =25 °C
−0.1
−
+0.1
µA
Output SDA (n channel open-drain)
VOL
LOW level output voltage
output ON; IO = 3 mA;
VDD − VSS2 = 2.5 to 6 V
−−
0.4
V
ILI
input leakage current
VDD − VSS2 =6V;
VO =6V
−1.0
−
+1.0
µA
Output SEC, MIN, COMP, FSET (normal buffer outputs)
VOL
LOW level output voltage
VDD − VSS2 = 2.5 V;
IO = 0.3 mA
−−
0.4
V
VDD − VSS2 =4to6V;
IO = 1.6 mA
−−
0.4
V
VOH
HIGH level output voltage
VDD − VSS2 = 2.5 V;
IO = −0.1 mA
VDD − 0.4
−−
V
VDD − VSS2 =4to6V;
IO = −0.5 mA
VDD − 0.4
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com