Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4570890 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 4570890
Description  Inductive Sensor – For High Pressures
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

4570890 Datasheet(HTML) 1 Page - Turck, Inc.

  4570890 Datasheet HTML 1Page - Turck, Inc. 4570890 Datasheet HTML 2Page - Turck, Inc. 4570890 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
BI2-CRS260-AP4X2-H1141/S34
Inductive Sensor – For High Pressures
Technical data
Type
BI2-CRS260-AP4X2-H1141/S34
ID
4570890
Special version
S34 corresponds to:
Weld-field immune proximity sensors
General data
 
Rated switching distance
2 mm
Mounting conditions
Flush
Secured operating distance
≤ (0.81 × Sn) mm
Correction factors
St37 = 1; Al = 0.3; stainless steel = 0.7; Ms
= 0.4
Repeat accuracy
≤ 2 % of full scale
Static pressure
≤ 200 bar
Dynamic pressure
≤ 100 bar
Permissible contact medium
electrically conductive
Temperature drift
≤ ±10 %
Hysteresis
3…15  %
Electrical data
 
Operating voltage
10…65  VDC
Residual ripple
≤ 10 % U
ss
DC rated operational current
≤ 200 mA
No-load current
15  mA
Residual current
≤ 0.1 mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Voltage drop at I
e
≤ 1.8 V
Features
■Smooth barrel, stainless steel, 1.4305
■Ø 12.7 mm
■Housing, GD-Zn, chromated
■Admissible pressure static/dynamic 200/100
bar
■Magnetic-resistant (insensitive to magnetic
DC and AC fields)
■DC 3-wire, 10…65 VDC
■NO contact, PNP output
■M12 x 1 male connector
Wiring diagram
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. The sensors
hosting a ferrite core coil generate the AC field
through an LC resonant circuit.


Similar Part No. - 4570890

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4570899 TURCK-4570899 Datasheet
948Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
More results

Similar Description - 4570890

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI2-CRS260-ADZ30X2-B3131 TURCK-BI2-CRS260-ADZ30X2-B3131 Datasheet
215Kb / 2P
Inductive sensor For high pressures
BI10-G28-AZ3 TURCK-BI10-G28-AZ3 Datasheet
185Kb / 2P
Inductive sensor
NI4-DSU26TC-2Y1X2 TURCK-NI4-DSU26TC-2Y1X2 Datasheet
295Kb / 4P
Inductive sensor For rotary actuators
BI1.5-EH6.5-0.2-Q20-2LU TURCK-BI1.5-EH6.5-0.2-Q20-2LU Datasheet
226Kb / 2P
Inductive sensor For material recognition
logo
Pepperl+Fuchs Inc.
NBB3-V3-Z4 PF-NBB3-V3-Z4 Datasheet
217Kb / 2P
Inductive sensor
NBB4-12GM75-US PF-NBB4-12GM75-US Datasheet
178Kb / 1P
Inductive sensor
NBB5-18GM40-Z0-V1 PF-NBB5-18GM40-Z0-V1 Datasheet
173Kb / 1P
Inductive sensor
NBB8-18GM50-E2 PF-NBB8-18GM50-E2 Datasheet
159Kb / 1P
Inductive sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com