Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4570890 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 4570890
Description  Inductive Sensor – For High Pressures
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

4570890 Datasheet(HTML) 2 Page - Turck, Inc.

  4570890 Datasheet HTML 1Page - Turck, Inc. 4570890 Datasheet HTML 2Page - Turck, Inc. 4570890 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|3
Technical data
Wire breakage/Reverse polarity protection yes / Complete
Output function
3-wire, NO contact, PNP
Switching frequency
0.03 kHz
Mechanical data
 
Design
Smooth barrel, 12.7 mm
Probe length
26  mm, probe length x
Housing material
Metal, 1.4305 (AISI 303)
Active area material
Plastic, PA12-GF30
Connector housing
metal, GdZn, chromated
Tightening torque fixing screw
7.3 Nm
Electrical connection
Connector, M12 × 1
Environmental conditions
 
Ambient temperature
-25…+70  °C
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
Power-on indication
LED, Green
Switching state
LED, Yellow
Included in delivery
2 x socket head screw 1/4"-20 NPT, 5/8"
long
Pressure-resistant inductive sensors withstand
high pressures which makes them perfectly
suited for position control in hydraulic cylinders.
Mounting instructions
Mounting instructions/Description
Distance D
2 x B
Distance W
3 x Sn
Distance T
3 x B
Distance S
1.5 x B
Distance G
6 x Sn
Diameter active
area B
Ø 12.7 mm
The mounting receptacle and the O-ring
supplied with the sensor are approved for high
static and dynamic pressure. To ensure that the
application is pressure-resistant, the mounting
surface must also be designed accordingly.
Ensure that the mounting surface is dry and free
of dust during installation. Please also consider
that oil can be displaced from the hydraulic
system when the sensor probe is introduced,
in which case the mounting surface will be
moistened. Should this occur, a proper seal will
not be established.
 
Recommended clearances:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com